Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59721A0090A062 Datasheet(PDF) 3 Page - EPCOS

Part # B59721A0090A062
Description  PTC thermistors as limit temperature sensors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59721A0090A062 Datasheet(HTML) 3 Page - EPCOS

  B59721A0090A062 Datasheet HTML 1Page - EPCOS B59721A0090A062 Datasheet HTML 2Page - EPCOS B59721A0090A062 Datasheet HTML 3Page - EPCOS B59721A0090A062 Datasheet HTML 4Page - EPCOS B59721A0090A062 Datasheet HTML 5Page - EPCOS B59721A0090A062 Datasheet HTML 6Page - EPCOS B59721A0090A062 Datasheet HTML 7Page - EPCOS B59721A0090A062 Datasheet HTML 8Page - EPCOS B59721A0090A062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Electrical specifications and ordering codes
RR
(V
≤ V
max)
∆R
R
%
Tsense,1
(@ 4.7 k
Ω)
°C
Tsense,2
(@ 47 k
Ω)
°C
Ordering code
EIA case size 0402
470
±50
75
±5
-
B59421A0075A062
470
±50
85
±5
-
B59421A0085A062
470
±50
95
±5
-
B59421A0095A062
470
±50
105
±5
-
B59421A0105A062
470
±50
115
±5
-
B59421A0115A062
470
±50
125
±5
-
B59421A0125A062
470
±50
135
±5
-
B59421A0135A062
EIA case size 0603
470
±50
75
±5
90
±7
B59641A0075A062
470
±50
85
±5
100
±7
B59641A0085A062
470
±50
95
±5
110
±7
B59641A0095A062
470
±50
105
±5
120
±7
B59641A0105A062
470
±50
115
±5
130
±7
B59641A0115A062
470
±50
125
±5
140
±7
B59641A0125A062
470
±50
135
±5
150
±7
B59641A0135A062
470
±50
145
±5
-
B59641A0145A062
Note:
In order to limit self heating effects the electrical power during measurement should be below
2 mW for case size 0402 and below 4 mW for case size 0603.
Sensors
Limit temperature sensors, EIA sizes 0402, 0603 and 0805
Superior series
Page 3 of 37
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59721A0090A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59721A0090A062 EPCOS-B59721A0090A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
B59721A0090A062 EPCOS-B59721A0090A062 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59721A0090A062 EPCOS-B59721A0090A062 Datasheet
750Kb / 32P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59721A0090A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com