Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24F16KA101T-ESP-ES Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24F16KA101T-ESP-ES
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101T-ESP-ES Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24F16KA101T-ESP-ES Datasheet HTML 7Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 8Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 9Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 10Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 11Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 12Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 13Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 14Page - Microchip Technology PIC24F16KA101T-ESP-ES Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 278 page
background image
 2008-2011 Microchip Technology Inc.
DS39927C-page 11
PIC24F16KA102 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24F16KA102 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
8K
16K
8K
16K
Program Memory (instructions)
2816
5632
2816
5632
Data Memory (bytes)
1536
Data EEPROM Memory (bytes)
512
Interrupt Sources (soft vectors/NMI traps)
30 (26/4)
I/O Ports
PORTA<6:0>
PORTB<15:12, 9:7, 4, 2:0>
PORTA<7:0>
PORTB<15:0>
Total I/O Pins
18
24
Timers: Total Number (16-bit)
32-Bit (from paired 16-bit timers)
3
1
Input Capture Channels
1
Output Compare/PWM Channels
1
Input Change Notification Interrupt
17
23
Serial Communications: UART
SPI (3-wire/4-wire)
I2C™
2
1
1
10-Bit Analog-to-Digital Module (input channels)
9
Analog Comparators
2
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word
Mismatch (PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
20-Pin PDIP/SSOP/SOIC/QFN 28-Pin SPDIP/SSOP/SOIC/QFN


Similar Part No. - PIC24F16KA101T-ESP-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA101 MICROCHIP-PIC24F16KA101 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
PIC24F16KA101 MICROCHIP-PIC24F16KA101 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC24F16KA101-I/ML MICROCHIP-PIC24F16KA101-I/ML Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F16KA101-I/P MICROCHIP-PIC24F16KA101-I/P Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F16KA101-I/SO MICROCHIP-PIC24F16KA101-I/SO Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results

Similar Description - PIC24F16KA101T-ESP-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
   14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F722A MICROCHIP-PIC16F722A Datasheet
3Mb / 284P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com