Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RIFRLCR120P25 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RIFRLCR120P25
Description  Venture Lighting
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR120P25 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR120P25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 3Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 4Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 5Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 6Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 7Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 8Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 9Page - List of Unclassifed Manufacturers RIFRLCR120P25 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
The Secret is in the Shape
Venture’s Unique Formed Body Arc
Tube Technology
Superior colour uniformity, less deviation from lamp to lamp - Consistency
beyond ceramic metal halide
Highest lamp efficacy
Patented stronger weldless arc tube mounting technology
Higher maintained lumens, longer lamp life
Hot restart in less than half the time of regular metal halide
50% faster warm-up
The Tipless Difference
Unique formed body arc tube
- shaped to follow the curve of the arc stream delivers superior lamp efficacy
Exclusive tipless arc tube
- Totally uniform shape further improves performance for maximum colour and
light output uniformity
6
LIGHTING
VENTURE
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
5314 Pgs 2-9:5314 Venture Catalogue Pgs 2-9 12/03/2010 14:15 Page 6


Similar Part No. - RIFRLCR120P25

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-BPT PHOENIX-RIF-0-BPT Datasheet
112Kb / 11P
   RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
RIF-0-BSC PHOENIX-RIF-0-BSC Datasheet
66Kb / 3P
   RIF-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on NS 35/7,5
RIF-0-OPT-24DC PHOENIX-RIF-0-OPT-24DC Datasheet
80Kb / 4P
   Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
RIF-0-OSC-24DC PHOENIX-RIF-0-OSC-24DC Datasheet
79Kb / 4P
   Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
RIF-0-RPT-12DC PHOENIX-RIF-0-RPT-12DC Datasheet
97Kb / 5P
   Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
More results

Similar Description - RIFRLCR120P25

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1507 3M-1507 Datasheet
271Kb / 2P
   Venture Tape??Line Set Tape & Venture Tape??Reflective
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
1502 3M-1502 Datasheet
176Kb / 2P
   Venture Tape??Metallized Cloth Duct
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1501 3M-1501 Datasheet
173Kb / 2P
   Venture Tape??Cloth Duct Tape
1520CW 3M-1520CW Datasheet
252Kb / 2P
   Venture Tape??Aluminum Foil Tape
1525CW 3M-1525CW Datasheet
207Kb / 2P
   Venture Tape??FSK Facing Tape
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
3M Electronics
3520CW 3M-3520CW Datasheet
236Kb / 2P
   Venture Tape??Aluminum Foil Tape
1500 3M-1500 Datasheet
175Kb / 2P
   Venture Tape??Cloth Duct Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com