Electronic Components Datasheet Search |
|
MMB02070D3301FB300 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
MMB02070D3301FB300 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 13 page Document Number: 28713 For technical questions, contact: melf@vishay.com www.vishay.com Revision: 05-Mar-12 19 MMU 0102, MMA 0204, MMB 0207 - Professional Professional MELF Resistors Vishay Beyschlag This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 100 µs 1 ms 10 ms 1 1 s 10 s 0.1 W 10 µs 100 ms 10 100 MMB 0207 MMU 0102 MMA 0204 Continuous Pulse Maximum pulse load, continuous pulses; applicable if P ≤ P (ϑ amb) and U ≤ Umax.; for permissible resistance change equivalent to 8000 h operation Pulse Duration t i 100 µs 1 ms 10 ms 1 s 10 s 10 µs 100 ms 100 V 1 kV Pulse Duration t i Pulse Voltage Maximum pulse voltage, single and continuous pulses; applicable if P ≤ Pmax.; for permissible resistance change equivalent to 8000 h operation MMB 0207 MMU 0102 MMA 0204 100 V 1 kV 10 V 10 kV 100 Ω 1 k Ω 10 k Ω 100 k Ω 1 M Ω 10 Ω 10 M Ω alue R Resistance V 1.2/50 Pulse Pulse load rating in accordance with IEC 60 115-1, 4.27; 1.2 µs/50 µs; 5 pulses at 12 s intervals; for permissible resistance change 0.5 % MMB 0207 MMU 0102 MMA 0204 |
Similar Part No. - MMB02070D3301FB300 |
|
Similar Description - MMB02070D3301FB300 |