Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9007TUB8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 9007TUB8
Description  9007 Mill and Foundry Switches Conforming to NEMA A600 and UL508
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9007TUB8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 9007TUB8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9007TUB8 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
13
References (continued)
Severe Duty Limit Switches
0
9007 Mill and Foundry Switches
Lever Arms and Replacement Parts
Cable operated
Arm
Steel roller
Roller
Reference
Weight
Length
Inches (mm)
Diameter
Inches (mm)
Roller Position Width
Inches (mm)
lb (kg)
1.5 (38.1)
0.75 (19)
None
None
9007Y3
2.5" (63.5mm) long with eyebolt 0.25 (6.3mm) I.D. instead of roller.
9007B27
Rod Type (used on conveyor systems or where unusual shapes are required)
Adjustable
0.75 (19)
(1) 0.19 (4.8)
None
9007 R16
0.18 (0.067)
Adjustable
0.75 (19)
(2) 0.25 (6.3)
None
9007R17
0.18 (0.067)
(1) Rod not included
(2) Key stock not included
Ball Bearing Type (for abrasive dust areas or with high speed cams)
1.5 (38.1)
0.75 (19)
Center
0.28 (7.1)
9007B16
0.15 (0.055)
Weld-On Type (used where a special operator is required to weld to lever)
3.5 (89)
0.75 (19)
None
None
9007G10
0.50 (0.186)
One Way Roller Type (used with reversible cams for one way operations)
1.5 (38.1)
0.75 (19)
Outside offset
0.25 (6.3)
9007D4
0.64 (0.238)
Conveyor Side Guide
8.44" (214.3) long with 1.5" (38.1) dia. 3.75" (95.2) Delrin roller
9007R21
1.63 (0.608)
8.44" (214.3) long with 0.88" (22.3) dia. 3.75" (95.2) Delrin roller
9007R22
1.42 (0.530)
Separate Base Plates (2)
Style
Mounting Holes
Reference
Weight
lb (kg)
A
None (1)
2934D32G1
BEnd
2934D14G1
0.34 (0.126)
CSide
2934D33G1
0.42 (0.156)
DEnd
2934D34G1
0.36 (0.134)
(1) No mounting holes in base plate. Side mounting holes in switch case must be used.
(2) Acceptable wire sizes 14 – 18 AWG (2.08 – 0.823 mm2); recommended terminal clamp torque
13 – 16 lb-in. (1.46 – 1.80 Nkm).
Optional Conduit Threads
Description
Reference
Weight
Metric
lb (kg)
M20 - 20mm (per B.S. 4568)
M11
Example: 9007TUB4M11
Three Point Contacts — Ordering Information
Select Type number of desired contact operating sequence for standard contact switch.
Change the letter following “T” or “FT” as shown below.
Change:
For example:
TUB1 changes to TYB1
TSB1 changes to TKB1
U to Y
S to K
Contact Configuration Changes
From:
With Reset
With Spring
Cable Operated
Rod Type
Ball Bearing Type
Weld-On Type
1-Way Roller Type
Conveyor Side Guide
Base Plates
Style C
Style D
Style B


Similar Part No. - 9007TUB8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
List of Unclassifed Man...
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Similar Description - 9007TUB8

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
Japan Aviation Electron...
DG1 JAE-DG1 Datasheet
428Kb / 8P
   Interface connector conforming to InfiniBand Standard
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com