Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24F16KA102T-E Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC24F16KA102T-E
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102T-E Datasheet(HTML) 5 Page - Microchip Technology

  PIC24F16KA102T-E Datasheet HTML 1Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 2Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 3Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 4Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 5Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 6Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 7Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 8Page - Microchip Technology PIC24F16KA102T-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 278 page
background image
 2008-2011 Microchip Technology Inc.
DS39927C-page 5
PIC24F16KA102 FAMILY
Pin Diagrams (Continued)
89
2
3
1
12
13
14
15
10
6
11
16
17
18
19
20
7
PIC24FXXKA102
5
4
PGD1/AN2/C1IND/C2INB/U2TX/CN4/RB0
OSCO/CLKO/AN5/C1INA/C2INC/CN29/RA3
OSCI/CLKI/AN4/C1INB/C2IND/CN30/RA2
OC1/IC1/C2OUT/INT2/CTED1/CN8/RA6
AN10/CVREF/RTCC/SDI1/OCFA/C1OUT/INT1/CN12/RB14
U1RX/CN6/RB2
PGC1/AN3/C1INC/C2INA/U2RX/CN5/RB1
AN11/SDO1/CTPLS/ CN13/RB13
AN12/HLVDIN/SCK1/CTED2/CN14/RB12
REFO/SS1/T2CK/T3CK/CN11/RB15
Note 1:
The bottom pad of the QFN package should be connected to VSS.
2:
All device pins have a maximum voltage of 3.6V and are not 5V tolerant.
20-Pin QFN(1,2)


Similar Part No. - PIC24F16KA102T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102T-I MICROCHIP-PIC24F16KA102T-I Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
More results

Similar Description - PIC24F16KA102T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
   14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F722A MICROCHIP-PIC16F722A Datasheet
3Mb / 284P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com