Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02-W2.7-11 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C02-W2.7-11
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02-W2.7-11 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C02-W2.7-11 Datasheet HTML 6Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 7Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 8Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 9Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 10Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 11Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 12Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 13Page - ATMEL Corporation AT24C02-W2.7-11 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond
with a zero allowing the read or write sequence to continue.
Read
Operations
Read operations are initiated the same way as write operations with the exception that the
read/write select bit in the device address word is set to one. There are three read operations:
current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last
address accessed during the last read or write operation, incremented by one. This address
stays valid between operations as long as the chip power is maintained. The address “roll
over” during read is from the last byte of the last memory page to the first byte of the first page.
The address “roll over” during write is from the last byte of the current page to the first byte of
the same page.
Once the device address with the read/write select bit set to one is clocked in and acknowl-
edged by the EEPROM, the current address data word is serially clocked out. The
microcontroller does not respond with an input zero but does generate a following stop condi-
tion (see Figure 10 on page 12).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data
word address. Once the device address word and data word address are clocked in and
acknowledged by the EEPROM, the microcontroller must generate another start condition.
The microcontroller now initiates a current address read by sending a device address with the
read/write select bit high. The EEPROM acknowledges the device address and serially clocks
out the data word. The microcontroller does not respond with a zero but does generate a fol-
lowing stop condition (see Figure 11 on page 12).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a ran-
dom address read. After the microcontroller receives a data word, it responds with an
acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment
the data word address and serially clock out sequential data words. When the memory
address limit is reached, the data word address will “roll over” and the sequential read will con-
tinue. The sequential read operation is terminated when the microcontroller does not respond
with a zero but does generate a following stop condition (see Figure 12 on page 12).


Similar Part No. - AT24C02-W2.7-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02-W2.7-11 ATMEL-AT24C02-W2.7-11 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C02-W2.7-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com