Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMN24112 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AMN24112
Description  MOTION SENSOR (PASSIVE INFRARED TYPE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AMN24112 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AMN24112 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 4Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 5Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 6Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 7Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 8Page - Nais(Matsushita Electric Works) AMN24112 Datasheet HTML 9Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
5
PRODUCT TYPES
1. Digital output
2. Analog output
PERFORMANCE
1. Detection performance
2. Rating (Measuring condition: ambient temp. = 25°C 77°F) (Common to All types)
3. Electrical characteristics (Measuring condition: ambient temp. = 25°C 77°F; operating voltage = 5V) (Common to All types)
1) Digital output
Rated operating voltage
Items
Items
Items
Symbol
Specified value
Measured conditions
Reted operating voltage
Minimum
Typical
Maximum
Vdd
3.0 V DC
6.0 V DC
Reted consumption current
(Standby)
*Remark
Typical
Maximum
Iw
170 µA
300 µA
Iout = 0
Output
(when detecting)
Current
Maximum
Iout
100 µA
Vout 7 Vdd–0.5
Voltage
Minimum
Maximum
Vout
Vdd –5
Vdd (Same as operating voltage)
Open when not detect-
ing
Circuit stability time
Typical
Maximum
Twu
7 s
30 s
Specified value
Remarks
Power supply voltage
–0.3 to 7 V DC
Usable ambient temperature
–20 to 60°C –4 to +140°F
No freezing and condensing at low temperature.
Storage temperature
–20 to 70°C –4 to +158°F
Standard
detection type
Slight motion
detection type
Conditions of objects to be detected
Rated detection
distance*Remark 1
Detection
range
5m 16.404ft
(Max.)
2m 6.562ft
(Max.)
1. Detectable difference in temperature between the target
and background for the spot type is more than 4°C 39.2°F.
2. Movement speed
• Standard detection type/Spot detection type/
10m detection type: 1.0 m/s
• Slight motion detection type: 0.5 m/s
3. Detection object = human body (size is 700mm
× 250mm
27.559inch
× 9.843inch, but for the slight motion detection
type the size is 200mm
× 200mm 7.874inch × 7.874inch)
Horizontal*Remark 2
100°
91°
Vertical*Remark 2
82°
91°
Detection zone*Remark 3
64 zones
104 zones
Spot detection
type
10m detection
type
5m 16.404ft
(Max.)
10m 32.808ft
(Max.)
38°
110°
22°
93°
24 zones
80 zones
Detection performance
Ambient temperature
Lens color
Part No.
Packing quantity
Inner
50 pcs.
1,000 pcs.
Outer
3 to 6 V DC
Standard detection type
–20 to +60°C –4 to +140°F
Black
AMN11111
White
AMN11112
Slight motion
detection type
Spot detection type
10m detection type
Black
AMN12111
White
AMN12112
Black
AMN13111
White
AMN13112
Black
AMN14111
White
AMN14112
Rated operating voltage
Detection performance
Ambient temperature
Lens color
Part No.
Packing quantity
Inner
50 pcs.
1,000 pcs.
Outer
4.5 to 5.5 V DC
Standard detection type
–20 to +60°C –4 to +140°F
Black
AMN21111
White
AMN21112
Slight motion
detection type
Spot detection type
10m detection type
Black
AMN22111
White
AMN22112
Black
AMN23111
White
AMN23112
Black
AMN24111
White
AMN24112
2.
*Remarks1. Depending on the difference in temperature between the
background and detection target and the speed at which the
target moves, these sensors may be capable of detection
beyond the detection distances stated above. Nevertheless,
they should be used within the prescribed detection distances.
For further details, refer to the detection range diagram on
page 7.
3. Regarding of detection zone, please refer to “DETECTION
PERFORMANCE” on page 7.
Remark: The current which is consumed during detection consists of the standby consumed current plus the output current.
Vertical
Horizontal
(Standard detection/
Slight motion detection type)
(Spot detection type/
10 m detection type)
Cut out
Vertical
Horizontal
Cut out
MP Motion Sensor (AMN1)


Similar Part No. - AMN24112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN24112 PANASONIC-AMN24112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
More results

Similar Description - AMN24112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
CSL-372 ETC1-CSL-372 Datasheet
369Kb / 6P
   SPECIFICATION OF PYROELECTRIC PASSIVE INFRARED SENSOR
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
   MOTION SENSOR
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
logo
Synaptics Incorporated.
CX93510 CONEXANT-CX93510 Datasheet
603Kb / 2P
   Passive Infrared Camera
logo
Telecommunication Elec...
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
   microwave motion sensor
logo
TE Connectivity Ltd
2396399 TEC-2396399 Datasheet
298Kb / 1P
   MOTION STREETLIGHT SENSOR
Rev. A
logo
Mean Well Enterprises C...
PIR-045 MEANWELL-PIR-045 Datasheet
674Kb / 3P
   Photoelectric Motion Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com