Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1008CR060P25 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # R1008CR060P25
Description  Venture Lighting
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1008CR060P25 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button R1008CR060P25 Datasheet HTML 5Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 6Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 7Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 8Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 9Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 10Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 11Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 12Page - List of Unclassifed Manufacturers R1008CR060P25 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
9
LIGHTING
VENTURE
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Open Rated
Reactor Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
200
HIPT 200W/H75/UVS/T52/PS/4K
00247
19000
15000
4000
2-3
3-5
68
Clear
HOR±75°
A
12
350
HIPT 350W/H75/UVS/T52/PS/4K
00248
33000
20000
4000
2-3
3-5
68
Clear
HOR±75°
B
12
Open Rated
Mercury Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
250
HIPT 250W/H75/UVS/T52/PS/4K
00245
22000
12000
4000
2-3
3-5
68
Clear
HOR±75°
A
12
400
HIPT 400W/H75/UVS/T52/PS/4K
00246
38000
20000
4000
2-3
3-5
68
Clear
HOR±75°
B
12
Open Rated
White-Lux Tubular
HPS Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours *
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
250
HIPT 250W/H75/LU/UVS/T52/4K
00249
20000
12000
4000
2-3
3-5
68
Clear
HOR±75°
A
12
400
HIPT 400W/H75/LU/UVS/T52/4K
00250
36000
20000
4000
2-3
3-5
68
Clear
HOR±75°
B
12
Open Rated
Horizontal Tubular Lamps
Features:
Clear tubular lamps with UV Shield for
Horizontal operation in open luminaires.
Applications:
For use in Low Bay luminaires for ware-
houses, retail sheds, showrooms and other
commercial and industrial applications.
White-lux are direct replacements for HPS
lamps.
LIGHTING
VENTURE
9
Dia. = 52mm
MOL = 211mm
LCL = 132mm
Base = E40
A
Dia. = 52mm
MOL = 285mm
LCL = 146mm
Base = E40
B
Some lamp descriptions include the
3 digit International Ra/CCT Code
5314 Pgs 2-9:5314 Venture Catalogue Pgs 2-9 12/03/2010 14:16 Page 9


Similar Part No. - R1008CR060P25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R1008CR060P25

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1507 3M-1507 Datasheet
271Kb / 2P
   Venture Tape??Line Set Tape & Venture Tape??Reflective
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
1502 3M-1502 Datasheet
176Kb / 2P
   Venture Tape??Metallized Cloth Duct
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1501 3M-1501 Datasheet
173Kb / 2P
   Venture Tape??Cloth Duct Tape
1520CW 3M-1520CW Datasheet
252Kb / 2P
   Venture Tape??Aluminum Foil Tape
1525CW 3M-1525CW Datasheet
207Kb / 2P
   Venture Tape??FSK Facing Tape
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
3M Electronics
3520CW 3M-3520CW Datasheet
236Kb / 2P
   Venture Tape??Aluminum Foil Tape
1500 3M-1500 Datasheet
175Kb / 2P
   Venture Tape??Cloth Duct Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com