Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9007TUC5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 9007TUC5
Description  9007 Mill and Foundry Switches Conforming to NEMA A600 and UL508
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9007TUC5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 9007TUC5 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9007TUC5 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
12
References
Severe Duty Limit Switches
0
9007 Mill and Foundry Switches
Lever Arms for 9007T and FT
Standard Roller
Arm
Steel roller
Roller
Position
Reference Weight
Length
Inches (mm)
Diameter
Inches (mm)
Width
Inches (mm)
lb (kg)
1.5 (38.1)
0.75 (19)
Optional
0.25 (6.3)
9007B1
0.17 (0.063)
1.5 (38.1)
1.0 (25.4)
Optional
0.25 (6.3)
9007B2
0.19 (0.071)
1.5 (38.1)
1.38 (35)
Optional
0.25 (6.3)
9007B3
0.23 (0.085)
2.5 (63.5)
0.75 (19)
Optional
0.25 (6.3)
9007B7
0.25 (0.093)
2.5 (63.5)
1.0 (25.4)
Optional
0.25 (6.3)
9007B8
0.25 (0.093)
2.5 (63.5)
1.38 (35)
Optional
0.25 (6.3)
9007B9
0.27 (0.100)
1.5 (38.1)
0.75 (19)
Optional
0.5 (12.7)
9007B12
0.34 (0.126)
1.5 (38.1)
1.0 (25.4)
Optional
0.5 (12.7)
9007B13
0.34 (0.126)
1.5 (38.1)
1.38 (35)
Optional
0.5 (12.7)
9007B14
0.42 (0.156)
5 (127)
0.75 (19)
Optional
0.25 (6.3)
9007B19
1.0 (0.373)
2.88 (73.1)
0.75 (19)
No roller
9007B21
0.20 (0.074)
2.5 (63.5)
0.75 (19)
Optional
0.5 (12.7)
9007B22
0.22 (0.082)
2.5 (63.5)
1.0 (25.4)
Optional
0.5 (12.7)
9007B23
0.28 (0.104)
2.5 (63.5)
1.38 (35)
Optional
0.5 (12.7)
9007B24
0.36 (0.134)
(1) Adjustable
0.75 (19)
Optional
0.25 (6.3)
9007R18
0.50 (0.186)
(1) Adjustable
1.0 (25.4)
Optional
0.25 (6.3)
9007R19
0.50 (0.186)
(1) Adjustable
1.38 (35)
Optional
0.25 (6.3)
9007R20
0.50 (0.186)
(1) Does not include lever arm clamp or rod. If lever arm clamp is required, use 9007R16 or R17.
Offset Type (used to obtain different cam track dimensions)
Arm
Steel roller
Roller
Position
Reference
Weight
Length
Inches (mm)
Diameter
Inches (mm)
Width
Inches (mm)
lb (kg)
1.5 (38.1)
0.75 (19)
Inside offset
0.25 (6.3)
9007C1
0.50 (0.186)
1.5 (38.1)
1.0 (25.4)
Inside offset
0.25 (6.3)
9007C2
0.50 (0.186)
1.5 (38.1)
1.38 (35)
Inside offset
0.25 (6.3)
9007C3
0.50 (0.186)
1.5 (38.1)
0.75 (19)
Outside offset
0.25 (6.3)
9007D1
0.18 (0.067)
1.5 (38.1)
1.0 (25.4)
Outside offset
0.25 (6.3)
9007D2
0.18 (0.067)
1.5 (38.1)
1.38 (35)
Outside offset
0.25 (6.3)
9007D3
0.18 (0.067)
1.88 (48)
0.75 (19)
Outside offset
0.25 (6.3)
9007E4
0.20 (0.074)
1.88 (48)
1.0 (25.4)
Outside offset
0.25 (6.3)
9007E5
0.27 (0.100)
1.88 (48)
1.38 (35)
Outside offset
0.25 (6.3)
9007E6
0.27 (0.100)
1.88 (48)
0.75 (19)
Inside offset
0.25 (6.3)
9007F4
0.30 (0.112)
1.88 (48)
1.0 (25.4)
Inside offset
0.25 (6.3)
9007F5
0.30 (0.112)
1.88 (48)
1.38 (35)
Inside offset
0.25 (6.3)
9007F6
0.30 (0.112)
120° Forked (used with maintained contact lever arm type switches)
Arm
Steel roller
Roller
Reference
Weight
Length
Inches
(mm)
Diameter
Inches (mm)
Roller Position Width
Inches (mm)
lb (kg)
1.5 (38.1)
0.75 (19)
Same side
0.25 (6.3)
9007J1
0.31 (0.115)
1.5 (38.1)
1.0 (25.4)
Same side
0.25 (6.3)
9007J2
0.40 (0.149)
1.5 (38.1)
0.75 (19)
LH on opp. side 0.25 (6.3)
9007K1
0.50 (0.186)
1.5 (38.1)
1.0 (25.4)
LH on opp. side 0.25 (6.3)
9007K2
0.50 (0.186)
1.5 (38.1)
0.75 (19)
RH on opp. side 0.25 (6.3)
9007N1
0.66 (0.246)
1.5 (38.1)
1.0 (25.4)
RH on opp. side 0.25 (6.3)
9007N2
0.70 (6.261)
90° Forked (used with maintained contact lever arm type switches)
Arm
Steel roller
Roller
Reference
Weight
Length
Inches (mm)
Diameter
Inches (mm)
Roller
Position
Width
Inches (mm)
lb (kg)
1.5 (38.1)
0.75 (19)
Same side
0.25 (6.3)
9007X1
0.30 (0.112)
1.5 (38.1)
1.0 (25.4)
Same side
0.25 (6.3)
9007X2
0.40 (0.149)
1.5 (38.1)
0.75 (19)
RH on opp. side 0.25 (6.3)
9007Y1
0.50 (0.186)
1.5 (38.1)
1.0 (25.4)
RH on opp. side 0.25 (6.3)
9007Y2
0.50 (0.186)
1.5 (38.1)
0.75 (19)
LH on opp. side 0.25 (6.3)
9007Z1
0.66 (0.246)
1.5 (38.1)
1.0 (25.4)
LH on opp. side 0.25 (6.3)
9007Z2
0.70 (0.261)
Standard Roller
Offset Type
120° Forked
90° Forked
Dimensions:
pages 14 to 17


Similar Part No. - 9007TUC5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
List of Unclassifed Man...
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Similar Description - 9007TUC5

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
Japan Aviation Electron...
DG1 JAE-DG1 Datasheet
428Kb / 8P
   Interface connector conforming to InfiniBand Standard
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com