Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6520F-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD6520F-E2
Description  Large Current Output Power Management Switch ICs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6520F-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD6520F-E2 Datasheet HTML 3Page - Rohm BD6520F-E2 Datasheet HTML 4Page - Rohm BD6520F-E2 Datasheet HTML 5Page - Rohm BD6520F-E2 Datasheet HTML 6Page - Rohm BD6520F-E2 Datasheet HTML 7Page - Rohm BD6520F-E2 Datasheet HTML 8Page - Rohm BD6520F-E2 Datasheet HTML 9Page - Rohm BD6520F-E2 Datasheet HTML 10Page - Rohm BD6520F-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
0
1
2
3
4
5
6
7
23456
SUPPLY VOLTAGE : VDD [V]
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
Fig.38 Turn Off time
Fig.39 Turn Off time
0
100
200
300
400
500
2
345
6
SUPPLY VOLTAGE : VDD [V]
Fig.40 Switch discharge resistance
0
100
200
300
400
500
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
Fig.41 Switch discharge resistance
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
VDD decreasing
VDD increasing
0
0.1
0.2
0.3
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
Fig.43 UVLO hysteresis voltage
1
10
100
1
10
100
1000
10000
Css [pF]
Fig.44 Turn On time (vs. Css)
1
10
100
1
10
100
1000
10000
Css [pF]
Fig.45 Turn Off time (vs. Css)
0
2
4
6
8
10
12
14
16
23
456
SUPPLY VOLTAGE : VDD [V]
Fig.46 SSCTL output voltage
0
2
4
6
8
10
12
14
16
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
Fig.47 SSCTL output voltage
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V, Ta = 25℃, RL = 10Ω
VDD = 5.0V, Ta = 25℃, RL = 10Ω
VDD = 5.0V
Fig.42 UVLO threshold voltage


Similar Part No. - BD6520F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6520F ROHM-BD6520F Datasheet
207Kb / 6P
   Power Management Switch
BD6520F ROHM-BD6520F Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F ROHM-BD6520F Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_09 Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD6520F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6520F ROHM-BD6520F_09 Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD6538G ROHM-BD6538G Datasheet
352Kb / 12P
   1ch Small Current Output Power Management Switch IC
logo
RICOH electronics devic...
R1172H RICOH-R1172H Datasheet
30Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RZ RICOH-RH5RZ Datasheet
25Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RL RICOH-RH5RL Datasheet
24Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com