Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59721A110A62 Datasheet(PDF) 6 Page - EPCOS

Part # B59721A110A62
Description  PTC thermistors as limit temperature sensors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59721A110A62 Datasheet(HTML) 6 Page - EPCOS

Back Button B59721A110A62 Datasheet HTML 2Page - EPCOS B59721A110A62 Datasheet HTML 3Page - EPCOS B59721A110A62 Datasheet HTML 4Page - EPCOS B59721A110A62 Datasheet HTML 5Page - EPCOS B59721A110A62 Datasheet HTML 6Page - EPCOS B59721A110A62 Datasheet HTML 7Page - EPCOS B59721A110A62 Datasheet HTML 8Page - EPCOS B59721A110A62 Datasheet HTML 9Page - EPCOS B59721A110A62 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature: Ismax , Vmax;
Number of cycles: 100
< 10%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax/Top
T = 85
°C
Test duration: 1000 h
< 20%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 10%
Rapid change
of temperature
IEC 60738-1
TLCT =
25
°C, T
UCT = 125
°C
Number of cycles: 5
Test duration: 30 min
Test according to IEC 60068-2-14, test Na
< 10%
Vibration I
IEC 60738-1
Frequency: 10 - 55 - 10 Hz
Displacement amplitude: 0.75 mm, resp.
Acceleration: 50 m/s2
Test duration: 3
× 2 h
Test according to IEC 60028-2-6, test Fc
< 5%
Vibration II
MIL-STD-202,
method 204
Frequency: 10 ... 2000 Hz
Displacement amplitude: 0.75 mm, resp.
Acceleration: 50 m/s2
Test duration: 3
× 2 h
Test according to IEC 60028-2-6, test Fc
< 5%
Bump
IEC 60738-1
Pulse shape: half-sine
Acceleration: 400 m/s2
Pulse duration: 6 ms; 6 x 4000 pulses
Test according to IEC 60068-2-27, test Ea
< 5%
Climatic sequence
IEC 60738-1
Dry heat: TUCT = 125
°C
Test duration: 16 h
Damp heat first cycle
Cold: TLCT =
25
°C
Test duration: 2 h
Damp heat 5 cycles
Tests performed according to
IEC 60068-2-30
< 10%
Bending test
EN 130000/4.35 Components reflow-soldered to test board
Maximum bendig: 2 mm
< 5%
Adhesive strength on
PCB
Shearing of the component soldered on PCB
by a force of 5 N is normal to components
longitudinal axis
No
visible
damage
Sensors
Limit temperature sensors, EIA sizes 0402, 0603 and 0805
Superior series
Page 6 of 37
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59721A110A62

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59721A0070A062 EPCOS-B59721A0070A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
B59721A0070A062 EPCOS-B59721A0070A062 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59721A0070A062 EPCOS-B59721A0070A062 Datasheet
750Kb / 32P
   PTC thermistors as limit temperature sensors
B59721A0080A062 EPCOS-B59721A0080A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
B59721A0080A062 EPCOS-B59721A0080A062 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59721A110A62

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com