Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA000145 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCCA000145
Description  Multi Layer Ceramic Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA000145 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCCA000145 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000145 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Multi Layer Ceramic Capacitor
Page <1>
30/06/11 V1.1
www.farnell.com
www.newark.com
www.element14.com
Description
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization, high density
and high efficiency, ceramic condensers are used.
POE’s MLCC is made by NP0, X7R and Y5V dielectric material and which provides product with high electrical precision, stability
and reliability.
Features:
••
A wide selection of sizes is available (0603, 0805, 1206).
••
High capacitance in given case size.
••
Capacitor with lead-free termination (pure tin).
Applications:
••
For general digital circuit.
••
For power supply bypass capacitors.
••
For consumer electronics.
••
For telecommunication.
Dimensions : Millimetres
Size Inch
(mm)
L
(mm)
W
(mm)
Thickness / Symbol
(mm)
Remark
MB
(mm)
0603 (1608)
1.6 ±0.1
0.8 ±0.1
0.8 ±0.07
S
-
0.4 ±0.15
1.6
+0.15 / -0.1
0.8
+0.15 / -0.1
0.8
+0.15 / -0.1
X
-
0805 (2012)
2 ±0.15
1.25 ±0.1
0.6 ±0.1
A
-
0.5 ±0.2
0.8 ±0.1
B
-
1.25 ±0.1
D
#
2 ±0.2
1.25 ±0.2
1.25 ±0.2
I
#
1206 (3216)
3.2 ±0.15
1.6 ±0.15
0.8 ±0.1
B
-
0.6 ±0.2
0.95 ±0.1
C
-
1.15 ±0.15
J
#
1.25 ±0.1
D
#
3.2 ±0.2
1.6 ±0.2
1.6 ±0.2
G
#
3.2 +0.3 / -0.1
1.6 +0.3 / -0.1
1.6 +0.3 / -0.1
P
#
External Dimensions
# Reflow soldering only is recommended.
The Outline of MLCC


Similar Part No. - MCCA000145

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
More results

Similar Description - MCCA000145

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com