Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9007TUD2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9007TUD2
Description  9007 Mill and Foundry Switches Conforming to NEMA A600 and UL508
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9007TUD2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9007TUD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9007TUD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8
References,
characteristics
Severe Duty Limit Switches
0
9007T Mill Switches
Universal operating sequences
Universal References
Base Plate
A
B
C
D
9007TUA1
9007TUB1
9007TUC1
9007TUD1
9007TUA2
9007TUB2
9007TUC2
9007TUD2
9007TUA3
9007TUB3
9007TUC3
9007TUD3
9007TUA4
9007TUB4
9007TUC4
9007TUD4
9007TUA5
9007TUB5
9007TUC5
9007TUD5
9007TUA6
9007TUB6
9007TUC6
9007TUD6
No. 1
No. 2
No. 3
No. 4
No. 5
No. 6
Single Pole
Double Throw
Spring Return
CW Only
Single Pole
Double Throw
Spring Return
CW Only
Single Pole
Double Throw
Maintained
Contact
Single Pole
Double Throw
Spring Return
Neutral Position
Single Pole
Double Throw
Spring Return
CCW Only
Single Pole
Double Throw
Spring Return
CCW Only
Characteristics
Nominal Operating Data
Pre-travel
14°
Int. Pos. 9°, Final 16°
14°
Int. Pos. 9°, Final 16°
Total travel
88°
88°
81°
81°
88°
88°
Differential
12°
12°
Operating torque
12 lb-in (1.35 N
•m)
12 lb-in (1.35 N
•m) 12 lb-in (1.35 N•m) 12 lb-in (1.35 N•m) 12 lb-in (1.35 N•m) 12 lb-in (1.35 N•m)
Repeat accuracy
± 0.004" (0.10mm)
± 0.004" (0.10mm)
± 0.004" (0.10mm) ± 0.004" (0.10mm) ± 0.004" (0.10mm)
± 0.004" (0.10mm)
To convert sequences, remove base plate, position plate and latches. Reassemble positioning plate and latches as shown.
Weight lb (kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
Universal References (continued)
Base Plate
A
B
C
D
9007TUA7
9007TUB7
9007TUC7
9007TUD7
9007TUA8
9007TUB8
9007TUC8
9007TUD8
9007TUA9
9007TUB9
9007TUC9
9007TUD9
9007TUA10
9007TUB10
9007TUC10
9007TUD10
9007TUA11
9007TUB11
9007TUC11
9007TUD11
9007TUA12
9007TUB12
9007TUC12
9007TUD12
No. 7
No. 8
No. 9
No. 10
No. 11
No. 12
Single Pole
Double Throw
Maintained
Single Pole
Double Throw
Maintained
Neutral Position
Single Pole
Double Throw
Spring Return
Slow Make
Slow Break
Single Pole
Double Throw
Spring Return
Slow Make
Slow Break
Single Pole
Double Throw
Spring Return
Slow Make
Slow Break
Single Pole
Double Throw
Maintained
Characteristics
Nominal Operating Data
Pre-travel
10°
12°
12°
45°
Total travel
85°
81°
87°
81°
87°
90°
Differential
12°
10°
Operating torque
2.5 lb-in (0.28 N
•m) 2.5 lb-in (0.28 N•m) 12 lb-in (1.35 N•m) 12 lb-in (1.35 N•m) 12 lb-in (1.35 N•m) 8 lb-in (0.9 N•m)
Repeat accuracy
± 0.004" (0.10mm)
± 0.004" (0.10mm)
± 0.004" (0.10mm) ± 0.004" (0.10mm) ± 0.004" (0.10mm)
± 0.004" (0.10mm)
To convert sequences, remove base plate, position plate and latches. Reassemble positioning plate and latches as shown.
Not adjustable
Weight lb (kg)
2.35 lb (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
2.35 lb. (0.18 kg)
Surface
Mounted
A
B
A
B
Initial position and
CCW
CW
A
B
A
B
AB
Initial position
and CCW
Middle
CW
Final
CW
A
A
B
B
Spring return of
arm to initial pos.
Contact pos.
maintained until
operated in reverse
direction
CCW
CW
If high speed cam
or snap-back is
present, use No. 12
A
A
A
B
B
B
Initial position
CW
CCW
A
A
B
B
Initial position
and CW
CCW
A
A
A
B
B
B
Initial position
and CW
Middle
CCW
Final
CCW
A
A
B
B
Surface
Mounted
A
A
B
B
If high speed cam
or snap-back
present, use No. 12
CCW
A
A
A
B
B
B
Initial position
If high speed cam
or snap-back is
present, use No. 12
CCW
CW
A
A
B
B
Initial position
and CCW
CW
A
A
A
B
B
B
Initial position
CCW
CW
A
A
B
B
Initial position
and CW
CCW
A
A
B
B
CCW
CW
A
B
Dimensions:
pages 14 to 17
Interpretation of Reference Numbers:
page 31
Footnotes:
page 9
Base Plates:
page 13 & 14


Similar Part No. - 9007TUD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
List of Unclassifed Man...
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Similar Description - 9007TUD2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
Japan Aviation Electron...
DG1 JAE-DG1 Datasheet
428Kb / 8P
   Interface connector conforming to InfiniBand Standard
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com