Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1840210102MG Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1840210102MG
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840210102MG Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1840210102MG Datasheet HTML 2Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 3Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 4Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 5Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 6Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 7Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 8Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 9Page - Vishay Siliconix MKP1840210102MG Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MKP 1840 M
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26018
152
Revision: 01-Jul-10
CHARACTERISTICS
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
1
10
3
10
4
10
5
10
6
1000
100
10
T
amb ≤ 85 °C, 250 Vdc
Capacitance in µF
0.01
0.022
0.047
0.1
0.22
0.47
1.0
2.2
6.
8
f (Hz)
10
3
10
2
10
4
10
5
10
6
1000
100
10
1
f (Hz)
85 °C < T
amb < 100 °C, 250 Vdc
Capacitance in µF
0.01
0.022
0.1
0.22
0.47
1.0
2.2
6.
8
0.047
1
1000
100
10
T
amb ≤ 85 °C, 400 Vdc
Capacitance in µF
0.01
0.022
0.047
0.1
0.22
0.47
1.0
2.2
6.
8
10
3
10
4
10
5
10
6
f (Hz)
1000
100
10
1
85 °C < T
amb < 100 °C, 400 Vdc
Capacitance in µF
6.
8
2.2
0.1
0.22
1.0
0.47
0.047
0.022
0.01
f (Hz)
10
3
10
2
10
4
10
5
10
6
1
1000
100
10
T
amb ≤ 85 °C, 630 Vdc/250 Vac
Capacitance in µF
0.01
0.022
0.047
0.1
0.22
0.47
1.0
2.2
10
3
10
4
10
5
10
6
f (Hz)
1000
100
10
1
85 °C < T
amb ≤ 100 °C, 630 Vdc/250 Vac
Capacitance in µF
2.2
0.1
0.22
1.0
0.47
0.047
0.022
0.01
f (Hz)
10
3
10
2
10
4
10
5
10
6


Similar Part No. - MKP1840210102MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-D VISHAY-MKP1840-310-405-D Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-F VISHAY-MKP1840-310-405-F Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-G VISHAY-MKP1840-310-405-G Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-W VISHAY-MKP1840-310-405-W Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1840210102MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com