Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCEXT6V15WC2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCEXT6V15WC2
Description  External Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCEXT6V15WC2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCEXT6V15WC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCEXT6V15WC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCEXT6V15WC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
External Power Supply
Page <1>
19/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• Energy star level V
• CEC 2008 and EISA 2007 compliant
• High efficiency
• International safety approvals
• Compact dimensions
• Class I and II versions
Specifications:
Input:
Input voltage
: 90 to 264 V ac
Input frequency
: 47 to 63 Hz
Inrush current
: 15 A / 30 A for 115 / 230 V ac, cold start
Earth leakage current
: 0.75 mA at 240 V ac
Harmonic currents
: Meets EN61000-3-2, class A
No load input power
: <0.5 W
Output:
Output voltage
: See table
Minimum load
: No minimum load required
Total regulation
: See table
Maximum ripple and noise
: 1% pk-pk, 20 MHz bandwidth
Short circuit protection
: Trip and restart (hiccup mode), auto recovery
Transient response
: 2% deviation, recovery to within 1% of nominal in 500
µs for 50% load change
General:
Efficiency
: 87% typical, energy star level V compliant
Isolation
: 3,000 V ac input to output
: 1,500 V ac input to ground*
: 500 V dc output to ground*
: *Not C8 version
Environmental:
Operating temperature
: 0°C to +40°C
Storage temperature
: -40°C to +85°C
Cooling
: Convection cooled
Operating altitude
: 3,000 m
EMC and Safety:
Emissions
: EN55022 level B conducted and radiated
Harmonic current
: EN61000-3-2 class A
Voltage flicker
: EN61000-3-3
ESD immunity
: EN61000-4-2
Radiated immunity
: EN61000-4-3
EFT/burst
: EN61000-4-4
Surge
: EN61000-4-5
Conducted immunity
: EN61000-4-6


Similar Part No. - MCEXT6V15WC2

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
   1310 nm LASER DIODE
MCE-3L4C-001 UOT-MCE-3L4C-001 Datasheet
83Kb / 2P
   1310 nm LED DIODE
MCE-3L4C-002 UOT-MCE-3L4C-002 Datasheet
117Kb / 2P
   1310 nm LED DIODE
More results

Similar Description - MCEXT6V15WC2

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
   EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
   EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
   Four Position External Battery Power Supply
Rev:B
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
[Old version datasheet]   Synchronous-Buck Power Stage External Bias Supply
logo
Ultralife Corporation.
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
   External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
   Subminiature Tachometer Requires No External Power Supply
logo
STMicroelectronics
P-NUCLEO-USB001 STMICROELECTRONICS-P-NUCLEO-USB001 Datasheet
484Kb / 7P
   A power connector to interface with external power supply
logo
Silicon Laboratories
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com