Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA000269 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MCCA000269
Description  Multi Layer Ceramic Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA000269 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MCCA000269 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA000269 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Multi Layer Ceramic Capacitor
Page <9>
30/06/11 V1.1
www.farnell.com
www.newark.com
www.element14.com
Dielectric
NP0
Size
0603
0805
Rated Voltage (V dc)
10
16
25
50
100
10
16
25
50
100
0.5 pF (0R5)
S
S
S
S
S
A
A
A
A
A
0.6 pF (0R6)
S
S
S
S
S
A
A
A
A
A
0.7 pF (0R7)
S
S
S
S
S
A
A
A
A
A
0.8 pF (0R8)
S
S
S
S
S
A
A
A
A
A
0.9 pF (0R9)
S
S
S
S
S
A
A
A
A
A
1.0 pF (1R0)
S
S
S
S
S
A
A
A
A
A
1.2 pF (1R2)
S
S
S
S
S
A
A
A
A
A
1.5 pF (1R5)
S
S
S
S
S
A
A
A
A
A
1.8 pF (1R8)
S
S
S
S
S
A
A
A
A
A
2.2 pF (2R2)
S
S
S
S
S
A
A
A
A
A
2.7 pF (2R7)
S
S
S
S
S
A
A
A
A
A
3.3 pF (3R3)
S
S
S
S
S
A
A
A
A
A
3.9 pF (3R9)
S
S
S
S
S
A
A
A
A
A
4.7 pF (4R7)
S
S
S
S
S
A
A
A
A
A
5.6 pF (5R6)
S
S
S
S
S
A
A
A
A
A
6.8 pF (6R8)
S
S
S
S
S
A
A
A
A
A
8.2 pF (8R2)
S
S
S
S
S
A
A
A
A
A
10 pF (100)
S
S
S
S
S
A
A
A
A
A
12 pF (120)
S
S
S
S
S
A
A
A
A
A
15 pF (150)
S
S
S
S
S
A
A
A
A
A
18 pF (180)
S
S
S
S
S
A
A
A
A
A
22 pF (220)
S
S
S
S
S
A
A
A
A
A
27 pF (270)
S
S
S
S
S
A
A
A
A
A
33 pF (330)
S
S
S
S
S
A
A
A
A
A
39 pF (390)
S
S
S
S
S
A
A
A
A
A
47 pF (470)
S
S
S
S
S
A
A
A
A
A
56 pF (560)
S
S
S
S
S
A
A
A
A
A
68 pF (680)
S
S
S
S
S
A
A
A
A
A
82 pF (820)
S
S
S
S
S
A
A
A
A
A
100 pF (101)
S
S
S
S
S
A
A
A
A
A
120 pF (121)
S
S
S
S
S
A
A
A
A
A
150 pF (151)
S
S
S
S
S
A
A
A
A
A
180 pF (181)
S
S
S
S
S
A
A
A
A
A
220 pF (221)
S
S
S
S
S
A
A
A
A
A


Similar Part No. - MCCA000269

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA000269

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com