Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHF9838CxF Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CHF9838CxF
Description  Selecting the Right Resistor for Your Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF9838CxF Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CHF9838CxF Datasheet HTML 1Page - Bourns Electronic Solutions CHF9838CxF Datasheet HTML 2Page - Bourns Electronic Solutions CHF9838CxF Datasheet HTML 3Page - Bourns Electronic Solutions CHF9838CxF Datasheet HTML 4Page - Bourns Electronic Solutions CHF9838CxF Datasheet HTML 5Page - Bourns Electronic Solutions CHF9838CxF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Selecting the Right Resistor for Your Application
Bourns® Resistive Products
1/11 • e/N1064
CR Series
CRT/CRL Series
CAT/CAY Series
4816P
CHF9838CNF Series
Benefits of Working with Bourns
Bourns offers standard resistors for vast applications needs, and when one is not available it
is likely that it can be created by customizing an existing, proven part. Bourns has lead in the
development and innovation of resistive products for decades and continues to expand its
product offerings based on the needs of designers and on emerging market applications. As
an example, certain applications including consumer goods require a resistor that is fuseable.
This fuseable resistor will become an open circuit during a surge to prevent the electronics
from catching fire. This is just one example of Bourns being ready to meet evolving
requirements with a high quality solution. Designers’ concerns about size, power and quality
of the component have been addressed when they select a resistor from Bourns.
For further technical support and for more information on Bourns® Resistive Products,
please visit
www.bourns.com
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
EMEA: Tel +41-(0)41 768 55 55
Fax +41-(0)41 768 55 10
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
“Bourns”is a registered trademark of Bourns, Inc. in the U.S. and other countries.
COPYRIGHT© 2011 • BOURNS, INC. • 1/11 • e/N1064


Similar Part No. - CHF9838CxF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF9838CBF BOURNS-CHF9838CBF Datasheet
174Kb / 1P
   250 W Power RF Flanged Chip Termination
CHF9838CBF BOURNS-CHF9838CBF Datasheet
147Kb / 1P
   250 W Stripline Termination and Resistor
CHF9838CBF500L BOURNS-CHF9838CBF500L Datasheet
174Kb / 1P
   250 W Power RF Flanged Chip Termination
CHF9838CBF500L BOURNS-CHF9838CBF500L Datasheet
147Kb / 1P
   250 W Stripline Termination and Resistor
CHF9838CBF BOURNS-CHF9838CBF_08 Datasheet
147Kb / 1P
   250 W Stripline Termination and Resistor
More results

Similar Description - CHF9838CxF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
logo
List of Unclassifed Man...
88950400 ETC2-88950400 Datasheet
84Kb / 2P
   Highlight the data of your automation application
logo
Vishay Siliconix
RS01A VISHAY-RS01A Datasheet
101Kb / 3P
   Fast Acting, Molded Styles Custom Designed For Your Application
Revision: 02-Aug-07
RS VISHAY-RS Datasheet
79Kb / 3P
   Fast Acting, Molded Styles, Custom Designed For Your Application
01-Jan-2022
logo
STMicroelectronics
AN3209 STMICROELECTRONICS-AN3209 Datasheet
828Kb / 42P
   Developing your M24LR64-R datalogger application for temperature acquisition
logo
List of Unclassifed Man...
XTRA-GUARD1 ETC2-XTRA-GUARD1 Datasheet
1Mb / 8P
   Performance as tough as your application
logo
Mallory Sonalert Produc...
PF-27A35EPQ MSPI-PF-27A35EPQ Datasheet
118Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ MSPI-PF-20A35EWQ Datasheet
106Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ-MX MSPI-PF-20A35EWQ-MX Datasheet
101Kb / 1P
   Contact Mallory Sonalert to discuss your application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com