Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50YXF47MEFC63X11 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50YXF47MEFC63X11
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50YXF47MEFC63X11 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50YXF47MEFC63X11 Datasheet HTML 1Page - RUBYCON CORPORATION 50YXF47MEFC63X11 Datasheet HTML 2Page - RUBYCON CORPORATION 50YXF47MEFC63X11 Datasheet HTML 3Page - RUBYCON CORPORATION 50YXF47MEFC63X11 Datasheet HTML 4Page - RUBYCON CORPORATION 50YXF47MEFC63X11 Datasheet HTML 5Page - RUBYCON CORPORATION 50YXF47MEFC63X11 Datasheet HTML 6Page - RUBYCON CORPORATION 50YXF47MEFC63X11 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
YXF
SERIES
YXF
♦SPECIFICATIONS
♦MULTIPLIER FOR RIPPLE CURRENT
(1) Frequency coefficient
Operating Temperature
Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation
Factor(MAX)
Load Life
Low Temperature
Stability
Impedance Ratio(MAX)
Items
Characteristics
-40~+105˚C
6.3~100V.DC
±20%(20˚C, 120Hz)
I=0.01CV or 3
µA whichever is greater.
(After 2 minutes)
I=Leakage Current(
µA)
C=Nominal Capacitance(
µF)
V=Rated Voltage(V)
Rated Voltage
(V)
tan
δ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within
±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with max. ripple current at conditions stated in the table below, the capacitors shall meet
the following requirements.
When nominal capacitance is over 1000
µF, tanδ shall be added 0.02 to the listed value with
increase of every 1000
µF.
(2) Temperature coefficient
Ambient Temperature
(˚C)
Coefficient
105
85
65>
=
1.0
1.7
2.1
(20˚C, 120Hz)
(120Hz)
105˚C Long Life. Low impedance.
(Rated Voltage 6.3~100V.DC)
♦FEATURES
•Load Life : 105˚C 4000~10000hours.
•Low impedance at 100kHz with selected materials.
Case Dia
φD>
=12.5
Life Time(hrs)
8000
φD=8,10
6000
φD<
=6.3
4000
6.3~10WV
10000
7000
5000
16~100WV
Rated Voltage
(V)
Z(-40˚C)/Z(20˚C)
Z(-25˚C)/Z(20˚C)
8
6.3
6
10
4
16
3
25
3
35
3
50
3
4322222
63
3
2
100
Frequency(Hz)
Coefficient
60(50)
120
1k
10k
100k<
=
0.35
0.42
0.60
0.80
1.00
0.47~4.7
µF
0.45
0.55
0.75
0.90
1.00
10~33
µF
0.60
0.70
0.85
0.95
1.00
47~330
µF
0.65
0.75
0.90
0.98
1.00
470~1000
µF
0.75
0.80
0.95
1.00
1.00
2200~15000
µF
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
1 Oct 1999


Similar Part No. - 50YXF47MEFC63X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50YXF47MEFC6 RUBYCON-50YXF47MEFC6 Datasheet
195Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50YXF47MEFC63X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com