Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRT0402 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CRT0402
Description  Selecting the Right Resistor for Your Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT0402 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CRT0402 Datasheet HTML 1Page - Bourns Electronic Solutions CRT0402 Datasheet HTML 2Page - Bourns Electronic Solutions CRT0402 Datasheet HTML 3Page - Bourns Electronic Solutions CRT0402 Datasheet HTML 4Page - Bourns Electronic Solutions CRT0402 Datasheet HTML 5Page - Bourns Electronic Solutions CRT0402 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Selecting the Right Resistor for Your Application
Bourns® Resistive Products
1/11 • e/N1064
CR Series
CRT/CRL Series
CAT/CAY Series
4816P
CHF9838CNF Series
High Frequency Resistors
Table 3
Model
Power (W)
Frequency
(GHz)
VSWR
Substrate
Resistor Values
(Ohms)
CHF2010CNP
10
2
1.2
ALN
50, 100 +/- 5 %
CHF1206CNT
20
3
1.25
ALN
50 +/- 5 %
CHF2525CNT
40
9
1.25
ALN
50 +/- 5 %
CHF3725CNP
40
4
1.2
ALN
50 +/- 5 %
CHF3523CNT
150
3
1.1
ALN
50 +/- 5 %
CHF3020CBF
10
4
1.35
BEO
50, 100, 200 +/- 5 %
CHF5225xxF
60/30/20
4
1.2
ALN, AL203, BEO
50, 100 +/- 5 %
CHF8838CNF
150
4
1.2
ALN
50, 100 +/- 5 %
CHF9838CxF
250
4
1.2
ALN, BEO
50 +/- 5 %
CHF12545CBF
500
1
1.1
BEO
50, 100 +/- 5 %
CHR190104CBF
800
1
1.2
BEO
12.5, 25, 50, 100 +/- 5 %
CHF190104KBF
1000
1
1.2
BEO
50 +/- 5 %
Overview of Resistor Families (Continued)
Bourns® CHF resistors are provided in a standard surface mount package. These parts can
be either electrically insulated or terminated. Generally, there is one exposed lead while the
other lead is tied to the ground plane or to a heat sink. The substrates used in the surface
mount Bourns® CHF resistors are Aluminum Nitride and Beryllium Oxide. Higher power
parts with flanged packages have substrates of Beryllium Oxide, Alumina, and Aluminum
Nitride. While the substrates help to dissipate heat, operation at higher power levels may
require a heat sink to handle the dissipation. In some designs, the CHF series is bolted to the
heat sink, printed circuit board, or ground plane. The power ratings of Bourns® CHF resistors
make it possible to absorb very high pulses in high power situations.


Similar Part No. - CRT0402

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
CRT0402-AV BOURNS-CRT0402-AV Datasheet
425Kb / 4P
   CRT Series - Thin Film Precision Chip Resistors
CRT0402-AV-1003GLF BOURNS-CRT0402-AV-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
CRT0402-AW BOURNS-CRT0402-AW Datasheet
425Kb / 4P
   CRT Series - Thin Film Precision Chip Resistors
CRT0402-AW-1003GLF BOURNS-CRT0402-AW-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results

Similar Description - CRT0402

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
logo
List of Unclassifed Man...
88950400 ETC2-88950400 Datasheet
84Kb / 2P
   Highlight the data of your automation application
logo
Vishay Siliconix
RS01A VISHAY-RS01A Datasheet
101Kb / 3P
   Fast Acting, Molded Styles Custom Designed For Your Application
Revision: 02-Aug-07
RS VISHAY-RS Datasheet
79Kb / 3P
   Fast Acting, Molded Styles, Custom Designed For Your Application
01-Jan-2022
logo
STMicroelectronics
AN3209 STMICROELECTRONICS-AN3209 Datasheet
828Kb / 42P
   Developing your M24LR64-R datalogger application for temperature acquisition
logo
List of Unclassifed Man...
XTRA-GUARD1 ETC2-XTRA-GUARD1 Datasheet
1Mb / 8P
   Performance as tough as your application
logo
Mallory Sonalert Produc...
PF-27A35EPQ MSPI-PF-27A35EPQ Datasheet
118Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ MSPI-PF-20A35EWQ Datasheet
106Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ-MX MSPI-PF-20A35EWQ-MX Datasheet
101Kb / 1P
   Contact Mallory Sonalert to discuss your application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com