Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8BQ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF20V8BQ
Description  High- Performance EE PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF20V8BQ Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 9Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ATF20V8B
6
Input and I/O Pull-Ups
All ATF20V8B family members have internal input and I/O
pull-up resistors. Therefore, whenever inputs or I/Os are
not being driven externally, they will float to V
CC.
This
ensures that all logic array inputs are at known states.
These are relatively weak active pull-ups that can easily be
overdriven by TTL-compatible drivers (see input and I/O
diagrams below).
Input Diagram
I/O Diagram
Functional Logic Diagram Description
The Logic Option and Functional Diagrams describe the
ATF20V8B architecture. Eight configurable macrocells can
be configured as a registered output, combinatorial I/O,
combinatorial output, or dedicated input.
The ATF20V8B can be configured in one of three different
modes. Each mode makes the ATF20V8B look like a dif-
ferent device. Most PLD compilers can choose the right
mode automatically. The user can also force the selection
by supplying the compiler with a mode selection. The deter-
mining factors would be the usage of register versus com-
binatorial outputs and dedicated outputs versus outputs
with output enable control.
The ATF20V8B universal architecture can be programmed
to emulate many 24-pin PAL devices. These architectural
subsets can be found in each of the configuration modes
described in the following pages. The user can download
the listed subset device JEDEC programming file to the
PLD programmer, and the ATF20V8B can be configured to
act like the chosen device. Check with your programmer
manufacturer for this capability.
Unused product terms are automatically disabled by the
compiler to decrease power consumption. A Security
Fuse, when programmed, protects the content of the
ATF20V8B. Eight bytes (64 fuses) of User Signature are
accessible to the user for purposes such as storing project
name, part number, revision, or date. The User Signature
is accessible regardless of the state of the Security Fuse.


Similar Part No. - ATF20V8BQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8BQ ATMEL-ATF20V8BQ Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF20V8BQL ATMEL-ATF20V8BQL Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF20V8BQ ATMEL-ATF20V8BQ_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
More results

Similar Description - ATF20V8BQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com