Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG940 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EFM32GG940
Description  EFM32GG940 DATASHEET
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG940 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EFM32GG940 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 12Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 13Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 14Page - List of Unclassifed Manufacturers EFM32GG940 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2012-09-11 - EFM32GG940FXX - d0044_Rev1.00
11
www.energymicro.com
3.3.2 Environmental
Table 3.3. Environmental
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VESDHBM
ESD (Human Body Model
HBM)
TAMB=25°C
2
kV
VESDCDM
ESD (Charged Device
Model, CDM)
TAMB=25°C
1
kV
Latch-up sensitivity test passed level A according to JEDEC JESD 78B method Class II, 85°C.


Similar Part No. - EFM32GG940

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
EFM32GG940F1024-QFN64 SILABS-EFM32GG940F1024-QFN64 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
EFM32GG940F512-QFN64 SILABS-EFM32GG940F512-QFN64 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
More results

Similar Description - EFM32GG940

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com