Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG380F512-QFP100 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EFM32GG380F512-QFP100
Description  EFM32GG380 DATASHEET
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG380F512-QFP100 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EFM32GG380F512-QFP100 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 12Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 13Page - List of Unclassifed Manufacturers EFM32GG380F512-QFP100 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2012-09-11 - EFM32GG380FXX - d0039_Rev1.00
10
www.energymicro.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 10) , by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 10) , by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 10) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
10) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage temperature range
-40
150
1
°C
TS
Maximum soldering tem-
perature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main supply volt-
age
0
3.8
V
VIOPIN
Voltage on any I/O pin
-0.3
VDD+0.3 V
1Based on programmed devices tested for 10000 hours at 150ºC. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.85
3.8
V
fAPB
Internal APB clock frequency
48
MHz
fAHB
Internal AHB clock frequency
48
MHz


Similar Part No. - EFM32GG380F512-QFP100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG380F512-QFP100 SILABS-EFM32GG380F512-QFP100 Datasheet
2Mb / 78P
   Read-while-write support
More results

Similar Description - EFM32GG380F512-QFP100

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com