Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG330F512-QFN64 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EFM32GG330F512-QFN64
Description  EFM32GG330 DATASHEET
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG330F512-QFN64 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EFM32GG330F512-QFN64 Datasheet HTML 3Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 4Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 5Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32GG330F512-QFN64 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2012-09-11 - EFM32GG330FXX - d0038_Rev1.00
7
www.energymicro.com
power domain enables the EFM32GG330 to keep track of time and retain data, even if the main power
source should drain out.
2.1.27 Advanced Encryption Standard Accelerator (AES)
The AES accelerator performs AES encryption and decryption with 128-bit or 256-bit keys. Encrypting or
decrypting one 128-bit data block takes 52 HFCORECLK cycles with 128-bit keys and 75 HFCORECLK
cycles with 256-bit keys. The AES module is an AHB slave which enables efficient access to the data
and key registers. All write accesses to the AES module must be 32-bit operations, i.e. 8- or 16-bit
operations are not supported.
2.1.28 General Purpose Input/Output (GPIO)
In the EFM32GG330, there are 52 General Purpose Input/Output (GPIO) pins, which are divided into
ports with up to 16 pins each. These pins can individually be configured as either an output or input. More
advances configurations like open-drain, filtering and drive strength can also be configured individually
for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Timer PWM
outputs or USART communication, which can be routed to several locations on the device. The GPIO
supports up to 16 asynchronous external pin interrupts, which enables interrupts from any pin on the
device. Also, the input value of a pin can be routed through the Peripheral Reflex System to other
peripherals.
2.2 Configuration Summary
The features of the EFM32GG330 is a subset of the feature set described in the EFM32GG Reference
Manual. Table 2.1 (p. 7) describes device specific implementation of the features.
Table 2.1. Configuration Summary
Module
Configuration
Pin Connections
Cortex-M3
Full configuration
NA
DBG
Full configuration
DBG_SWCLK, DBG_SWDIO,
DBG_SWO
MSC
Full configuration
NA
DMA
Full configuration
NA
RMU
Full configuration
NA
EMU
Full configuration
NA
CMU
Full configuration
CMU_OUT0, CMU_OUT1
WDOG
Full configuration
NA
PRS
Full configuration
NA
USB
Full configuration
USB_VBUS, USB_VBUSEN,
USB_VREGI, USB_VREGO, USB_DM,
USB_DMPU, USB_DP, USB_ID
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
I2C1
Full configuration
I2C1_SDA, I2C1_SCL
USART0
IrDA
US0_TX, US0_RX. US0_CLK, US0_CS
USART1
I2S
US1_TX, US1_RX, US1_CLK, US1_CS
USART2
I2S
US2_TX, US2_RX, US2_CLK, US2_CS
LEUART0
Full configuration
LEU0_TX, LEU0_RX


Similar Part No. - EFM32GG330F512-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG330F512-QFN64 SILABS-EFM32GG330F512-QFN64 Datasheet
1Mb / 71P
   Read-while-write support
More results

Similar Description - EFM32GG330F512-QFN64

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com