Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16LV8C-10XC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF16LV8C-10XC
Description  High- Performance EE PLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16LV8C-10XC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF16LV8C-10XC Datasheet HTML 2Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 3Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 4Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 5Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 6Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 7Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 8Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 9Page - ATMEL Corporation ATF16LV8C-10XC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ATF16LV8C
6
37.0
37.5
38.0
38.5
39.0
39.5
40.0
10
20
30
40
50
60
70
80
90
100
SUPPLY CURRENT
VS. INPUT FREQUENCY
(VCC = 3.3V, TA = 25°C)
ICC mA
FREQUENCY (MHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-5°
25°
75°
NORMALIZED SUPPLY CURRENT
VS. AMBIENT TEMPERATURE
(VCC = 3.3V, STANDBY)
AMBIENT TEMPERATURE (C)
NORM
ICC mA
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
3.0
3.15
3.3
3.45
3.6
OUTPUT SINK CURRENT
VS. SUPPLY VOLTAGE (TA = 25°C, VOL = 0.45V)
IOL mA
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
IOL mA
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
VS. OUTPUT VOLTAGE (VCC = 5V, TA = 25°C)
3.0
3.3
3.6
1.6
1.4
1.2
1.0
0.8
0.6
0
NORMALIZED SUPPLY CURRENT
VS. SUPPLY VOLTAGE
(TA = 25°C, STANDBY)
SUPPLY VOLTAGE (V)
NORM
ICC mA
-16
-14
-12
-10
-8
-6
-4
-2
0
3.0
3.15
3.3
3.45
3.6
OUTPUT SOURCE CURRENT
VS. SUPPLY VOLTAGE (VOH = 2.4V, TA = 25°C)
IOH mA
SUPPLY VOLTAGE (V)


Similar Part No. - ATF16LV8C-10XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16LV8C-10XC ATMEL-ATF16LV8C-10XC Datasheet
223Kb / 15P
   Highperformance EE PLD
More results

Similar Description - ATF16LV8C-10XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com