Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG230F1024-QFN64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFM32GG230F1024-QFN64
Description  High Performance 32-bit processor up to 48 MHz
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG230F1024-QFN64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFM32GG230F1024-QFN64 Datasheet HTML 1Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 2Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 3Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 4Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 5Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG230F1024-QFN64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2012-09-11 - EFM32GG230FXX - d0035_Rev1.00
1
www.energymicro.com
EFM32GG230 DATASHEET
F1024/F512
Preliminary
• ARM Cortex-M3 CPU platform
• High Performance 32-bit processor @ up to 48 MHz
• Memory Protection Unit
• Flexible Energy Management System
• 20 nA @ 3 V Shutoff Mode
• 0.4µA @ 3 V Shutoff Mode with RTC
• 0.9 µA @ 3 V Stop Mode, including Power-on Reset, Brown-out
Detector, RAM and CPU retention
• 1.1 µA @ 3 V Deep Sleep Mode, including RTC with 32.768 kHz
oscillator, Power-on Reset, Brown-out Detector, RAM and CPU
retention
• 50 µA/MHz @ 3 V Sleep Mode
• 200 µA/MHz @ 3 V Run Mode, with code executed from Flash
• 1024/512 KB Flash
• Read-while-write support
• 128/128 KB RAM
• 56 General Purpose I/O pins
• Configurable Push-pull, Open-drain, pull resistor, drive strength
• Configurable peripheral I/O locations
• 16 asynchronous external interrupts
• Output state retention and wakeup from Shutoff Mode
• 12 Channel DMA Controller
• 12 Channel Peripheral Reflex System (PRS) for autonomous in-
ter-peripheral signaling
• Hardware AES with 128/256-bit keys in 54/75 cycles
• Timers/Counters
• 4× 16-bit Timer/Counter
• 4×3 Compare/Capture/PWM channels
• 16-bit Low Energy Timer
• 1× 24-bit and 1× 32-bit Real-Time Counter
• 3× 16/8-bit Pulse Counter with asynchronous operation
• Watchdog Timer with dedicated RC oscillator @ 50 nA
• Backup Power Domain
• RTC and retention registers in a separate power domain, avail-
able in all energy modes
• Operation from backup battery when main power drains out
• Communication interfaces
• 3× Universal Synchronous/Asynchronous Receiv-
er/Transmitter
• UART/SPI/SmartCard (ISO 7816)/IrDA/I2S
• 2× Low Energy UART
• Autonomous operation with DMA in Deep Sleep
Mode
• 2× I
2C Interface with SMBus support
• Address recognition in Stop Mode
• Ultra low power precision analog peripherals
• 12-bit 1 Msamples/s Analog to Digital Converter
• 8 single ended channels/4 differential channels
• On-chip temperature sensor
• 12-bit 500 ksamples/s Digital to Analog Converter
• 2 single ended channels/1 differential channel
• 2× Analog Comparator
• Capacitive sensing with up to 16 inputs
• 3× Operational Amplifier
• 6.1 MHz GBW, Rail-to-rail, Programmable Gain
• Supply Voltage Comparator
• Low Energy Sensor Interface (LESENSE)
• Autonomous sensor monitoring in Deep Sleep Mode
• Wide range of sensors supported, including LC sen-
sors and capacitive buttons
• Ultra efficient Power-on Reset and Brown-Out Detec-
tor
• Debug Interface
• 2-pin Serial Wire Debug interface
• 1-pin Serial Wire Viewer
• Embedded Trace Module v3.5 (ETM)
• Pre-Programmed Serial Bootloader
• Temperature range -40 to 85 ºC
• Single power supply 1.85 to 3.8 V
• QFN64 package
32-bit ARM Cortex-M0+, Cortex-M3 and Cortex-M4F microcontrollers for:
• Energy, gas, water and smart metering
• Health and fitness applications
• Smart accessories
• Alarm and security systems
• Industrial and home automation
• www.energymicro.com/gecko


Similar Part No. - EFM32GG230F1024-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG230F1024-QFN64 SILABS-EFM32GG230F1024-QFN64 Datasheet
1Mb / 70P
   Memory Protection Unit
More results

Similar Description - EFM32GG230F1024-QFN64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
logo
Silicon Laboratories
EFM32LG330 SILABS-EFM32LG330 Datasheet
1Mb / 66P
   High Performance 32-bit processor up to 48 MHz memory Protection Unit
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960HA INTEL-80960HA Datasheet
828Kb / 102P
   80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
Renesas Technology Corp
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
logo
Intel Corporation
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com