Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHB150-110S05 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CHB150-110S05
Description  150 WATT DC-DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CHB150-110S05 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CHB150-110S05 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHB150-110S05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CHB150-110SSERIES
150 WATT
DC-DC
CONVERTERS
FEATURES
* 150W Isolated Output
* Efficiency to 92.5%
* 200KHz Switching Frequency
* 3:1 Input Range
* Regulated Outputs
* Remote ON/OFF
* Over Temperature Protection
* Over Voltage/Current Protection
* Continuous Short Circuit Protection
* Half-Brick size meet industrial standard
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
* Meet EN50155 With External Circuits
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT CURRENT
% EFF.
Capacitor
Load max.
MIN.
MAX.
NO LOAD
FULL LOAD
CHB150-110S05
66-160 VDC
5.0VDC
0mA
30 A
40mA
1474mA
92.5
10000µF
CHB150-110S12
66-160 VDC
12 VDC
0mA
12.5 A
40mA
1474mA
92.5
5600µF
CHB150-110S24
66-160 VDC
24 VDC
0mA
6.5 A
60mA
1541mA
92
2200µF
NOTE: 1. Nominal Input Voltage 110VDC


Similar Part No. - CHB150-110S05

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB150-110S05 CINCON-CHB150-110S05 Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
More results

Similar Description - CHB150-110S05

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
   150 WATT DC-DC Converters
logo
Power-One
AK1001-7R POWER-ONE-AK1001-7R Datasheet
173Kb / 4P
   150 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
CHB150-110S CINCON-CHB150-110S Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
Power-One
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
CINCON ELECTRONICS Corp...
CQB150-300S CINCON-CQB150-300S Datasheet
212Kb / 2P
   150 WATT 2:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-24S05 CINCON-CQB150W-24S05 Datasheet
616Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S CINCON-CQB150W-110S Datasheet
318Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
   99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com