Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500ABV-15AI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1500ABV-15AI
Description  High- Performance EE PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500ABV-15AI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1500ABV-15AI Datasheet HTML 4Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 5Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 6Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 7Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 8Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 9Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 10Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 11Page - ATMEL Corporation ATF1500ABV-15AI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ATF1500ABV/L
11
Ordering Information
tPD
(ns)
tCOS
(ns)
FMAXS
(MHz)
Ordering Code
Package
Operation Range
12
6
62.5
ATF1500ABV-12AC
ATF1500ABV-12JC
44A
44J
Commercial
(0
°C to 70°C)
15
8
52.6
ATF1500ABV-15AC
ATF1500ABV-15JC
44A
44J
Commercial
(0
°C to 70°C)
ATF1500ABV-15AI
ATF1500ABV-15JI
44A
44J
Industrial
(-40
°C to 85°C)
25
TBD
TBD
ATF1500ABVL-25AC
ATF1500ABVL-25JC
44A
44J
Commercial
(0
°C to 70°C)
Package Type
44A
44 Lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)


Similar Part No. - ATF1500ABV-15AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV_14 Datasheet
466Kb / 18P
   High-density, High-performance Electrically-erasable Complex
More results

Similar Description - ATF1500ABV-15AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com