Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S2343-10PI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT90S2343-10PI
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2343-10PI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT90S2343-10PI Datasheet HTML 6Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 7Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 8Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 9Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 10Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 11Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 12Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 13Page - ATMEL Corporation AT90S2343-10PI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
AT90S/LS2323/2343
1004D–09/01
X-register, Y-register and Z-
register
The registers R26..R31 have some added functions to their general-purpose usage.
These registers are the address pointers for indirect addressing of the Data Space. The
three indirect address registers X, Y, and Z, are defined in Figure 8.
Figure 8. The X-, Y-, and Z-registers
In the different addressing modes, these address registers have functions as fixed dis-
placement, automatic increment and decrement (see the descriptions for the different
instructions).
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general-
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the register file are executed. The ALU operations are divided into three main
categories: arithmetic, logic and bit functions.
In-System
Programmable Flash
Program Memory
The AT90S2323/2343 contains 2K bytes On-chip, In-System Programmable Flash
memory for program storage. Since all instructions are 16- or 32-bit words, the Flash is
organized as 1K x 16. The Flash memory has an endurance of at least 1000 write/erase
cycles.
The AT90S2323/2343 Program Counter (PC) is 10 bits wide, hence addressing the
1024 program memory addresses. See page 42 for a detailed description on Flash data
programming.
Constant tables must be allocated within the address 0 - 2K (see the LPM – Load Pro-
gram Memory instruction description on page 60).
See page 12 for the different addressing modes.
EEPROM Data Memory
The AT90S2323/2343 contains 128 bytes of EEPROM data memory. It is organized as
a separate data space, in which single bytes can be read and written. The EEPROM has
an endurance of at least 100,000 write/erase cycles. The access between the EEPROM
and the CPU is described on page 32, specifying the EEPROM address register, the
EEPROM data register and the EEPROM control register.
For the SPI data downloading, see page 42 for a detailed description.
15
0
X-register
7
0
7
0
R27 ($1B)
R26 ($1A)
15
0
Y-register
7
0
7
0
R29 ($1D)
R28 ($1C)
15
0
Z-register
7
0
7
0
R31 ($1F)
R30 ($1E)


Similar Part No. - AT90S2343-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2343 ATMEL-AT90S2343 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S2343 ATMEL-AT90S2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results

Similar Description - AT90S2343-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com