Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM150M120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFM150M120
Description  150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFM150M120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFM150M120 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFM150M120 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CFM150MSERIES
150W MEDICAL OPEN FRAME
AC-DC MODULES
WITH PFC
Features
* Universal Input Range 90 ~ 264VAC
* Meets EN60601-1 and EN55011 Class B
* 3”x 5” Compact Size
* Less than 1 U high:1.05”
* Industry Standard Pin Out
* Active PFC Meets EN61000-3-2
* High Efficiency up to 92%
* Meets CISPR/FCC Class B
* Remote Voltage Sense
* Over Voltage Protection
* Continuous Short Circuit Protection
* No load Power Consumption<0.5W
MODEL
OUTPUT
VOLTAGE
MAX.
LOAD
MIN.
LOAD
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LINE
REGULATION
LOAD
REGULATION
% EFF.
(Typ.)
CFM150M120
12V
12.5A
0A
1%
±1%
±0.5%
±1%
90%
CFM150M240
24V
6.25A
0A
1%
±1%
±0.5%
±1%
92%
CFM150M360
36V
4.17A
0A
1%
±1%
±0.5%
±1%
93%
CFM150M480
48V
3.13A
0A
1%
±1%
±0.5%
±1%
93%


Similar Part No. - CFM150M120

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM150M CINCON-CFM150M Datasheet
301Kb / 2P
   150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
More results

Similar Description - CFM150M120

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM150M CINCON-CFM150M Datasheet
301Kb / 2P
   150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
CFM100M CINCON-CFM100M Datasheet
418Kb / 2P
   100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
   130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM60M CINCON-CFM60M Datasheet
303Kb / 2P
   60W MEDICAL OPEN FRAME AC-DC MODULES
logo
Delta Electronics, Inc.
MDS-040APS15B DELTA-MDS-040APS15B Datasheet
561Kb / 10P
   Medical AC-DC Open Frame
MDS-040APS18B DELTA-MDS-040APS18B Datasheet
578Kb / 10P
   Medical AC-DC Open Frame
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
   Medical AC-DC Open Frame
MDS-065APS18B DELTA-MDS-065APS18B Datasheet
491Kb / 10P
   Medical AC-DC Open Frame
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com