Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAR0812FP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CAR0812FP
Description  End-to-End Embedded Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAR0812FP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CAR0812FP Datasheet HTML 1Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 2Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 3Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 4Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 5Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 6Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 7Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 8Page - List of Unclassifed Manufacturers CAR0812FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
For product details, browse our website: oem.lineagepower.com
48 or 24V RECTIFICATION
OPTIONAL
BATTERIES
LVD
LVD
OPTIONAL
BATTERIES
92% Efficiency
95% Efficiency
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
LOAD
LOAD
LOAD
LOAD
3.3V
2.5V
2.5V
1.8V
1.2V
1.2V
3.3V
12V
48V
48V
12V
2.5V
1.8V
1.2V
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
48V RECTIFICATION
ISOLATED / REGULATED
CONVERTER
FULLY REGULATED
BUS CONVERTER
12V RECTIFICATION
92% Efficiency
92% Efficiency
92% Efficiency
48 or 24V RECTIFICATION
OPTIONAL
BATTERIES
LVD
LVD
OPTIONAL
BATTERIES
92% Efficiency
95% Efficiency
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
LOAD
LOAD
LOAD
LOAD
3.3V
2.5V
2.5V
1.8V
1.2V
1.2V
3.3V
12V
48V
48V
12V
2.5V
1.8V
1.2V
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
48V RECTIFICATION
ISOLATED / REGULATED
CONVERTER
FULLY REGULATED
BUS CONVERTER
12V RECTIFICATION
92% Efficiency
92% Efficiency
92% Efficiency
End-to-End Power Solutions
WEAKNESSES:
• di/dt of isolated bricks less than POLs
• Increased costs for multiple isolation points
• Multiple conversion steps
WEAKNESSES:
• Circulating current issues
• Higher I2R losses
• Few battery back-up options
• No secondary grounds
AC to 12V Bus Architecture:
≈87% overall efficiency
STRENGTHS:
• Highest efficiency
• Best power density
• Improved EMI performance
• Lowest cost
48 or 24V RECTIFICATION
OPTIONAL
BATTERIES
LVD
LVD
OPTIONAL
BATTERIES
92% Efficiency
95% Efficiency
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
LOAD
LOAD
LOAD
LOAD
3.3V
2.5V
2.5V
1.8V
1.2V
1.2V
3.3V
12V
48V
48V
12V
2.5V
1.8V
1.2V
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
NON-ISOLATED / POL
48V RECTIFICATION
ISOLATED / REGULATED
CONVERTER
FULLY REGULATED
BUS CONVERTER
12V RECTIFICATION
92% Efficiency
92% Efficiency
92% Efficiency
Hybrid Architecture:
≈81% overall efficiency
STRENGTHS:
• Large installed base
• Supports SELV systems
• Battery back-up systems
• Flexibility
• Increased value at lower power
• Optimized for battery operated systems
WEAKNESSES:
• Lowest efficiency - 3 conversion stages
• Lowest power density
• Multiple conversion steps
Intermediate Bus Architecture:
≈84% overall efficiency
STRENGTHS:
• Flexibility (bus voltage options)
• Multiple high di/dt loads
• Provides ground isolation
• Competitive cost
• Increased efficiencies
• Increased power densities
Front Ends
& Rectifiers
DESCRIPTION
PAGE(S)
Front End / Rectifiers . . . . . . . . . . .3-10
12V Front Ends . . . . . . . . . . . . . . . . . . . . . . .6
850-2,500 Watts
24V & 48V Front Ends . . . . . . . . . . . . . . . .7
500-4,000 Watts
24V & 48V Rectifiers. . . . . . . . . . . . . . . . . .8
1,200-4,000 Watt
Power Shelves. . . . . . . . . . . . . . . . . . . . . . . .9
6,000-12,000 Watts
Energy Systems . . . . . . . . . . . . . . . . . . . . . 10
1,600-10,900 Watts
DESCRIPTION
PAGE(S)
Additional Info . . . . . . . . . 11-12, 27-30
Remote Power . . . . . . . . . . . . . . . . . . . . . . 11
Compact PCI . . . . . . . . . . . . . . . . . . . . . . . . 12
Digital Converters . . . . . . . . . . . . . . . . . . 25
Industry Solutions. . . . . . . . . . . . . . . . . . . 26
Custom Capabilities . . . . . . . . . . . . . . 27-28
Engineering Resources & Tools . . . . . . . 29
Company Profile . . . . . . . . . . . . . . . . . . . . 30


Similar Part No. - CAR0812FP

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBXXZ01A GEC-CAR0812FPBXXZ01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Similar Description - CAR0812FP

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
0625 ARIES-0625 Datasheet
912Kb / 1P
   Side-to-side and End-to-end Stackable
0600 ARIES-0600 Datasheet
435Kb / 1P
   Side-to-side and End-to-end Stackable
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FNP1500 POWER-ONE-FNP1500 Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
logo
Tyco Electronics
2-1437590-1 MACOM-2-1437590-1 Datasheet
74Kb / 3P
   Dip Switches End to End Stackable Through Hole and Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com