Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJL14 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJL14
Description  Thick Film Chip Resistors / Low Resistance Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJL14 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJL14 Datasheet HTML 1Page - Panasonic Semiconductor ERJL14 Datasheet HTML 2Page - Panasonic Semiconductor ERJL14 Datasheet HTML 3Page - Panasonic Semiconductor ERJL14 Datasheet HTML 4Page - Panasonic Semiconductor ERJL14 Datasheet HTML 5Page - Panasonic Semiconductor ERJL14 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
Type (inches)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
[ 10
–6/°C (ppm/°C)]
Category Temperature Range
(Operating Temperature Range)
(°C)
ERJL03
(0603)
0.1
(0.2)
1
±1, ±5
47 m to 100 m
2
±200
–55 to +125
ERJL06
(0805)
0.125
(0.25)
1
±1,±5
47 m to 100 m
2
±100
–55 to +125
ERJL08
(1206)
0.25
(0.33)
1
±1, ±5
47 m to 100 m
2
±100
–55 to +125
ERJL14
(1210)
0.33
±1, ±5
20 m to 100 m
2
R<47 m :±300
R
>47 m :±100
–55 to +125
ERJL12
(1812)
0.5
±1, ±5
20 m to 100 m
2
–55 to +125
ERJL1D
(2010)
0.5
±1, ±5
40 m to 100 m
2
–55 to +125
ERJL1W (2512)
1±1, ±5
40 m to 100 m
2
–55 to +125
Type (inches)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
[ 10
–6/°C (ppm/°C)]
Category Temperature Range
(Operating Temperature Range)
(°C)
ERJ2BW (0402)
0.125
±2, ±5
0.047 to 0.091 (E24)
±300
–55 to +125
ERJ2BS (0402)
0.10
to 0.20 (E24)
ERJ2BQ (0402)
±1, ±2, ±5
0.22 to 1.0
(E24)
±250
ERJ3BS (0603)
0.2
±1, ±2, ±5
0.10
to 0.20 (E24)
±300
–55 to +125
ERJ3BQ (0603)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ6BW (0805)
0.33
±1, ±2, ±5
0.01 to 0.1
(E24)
R<0.015
:±300
R
>0.015 :±200
–55 to +155
ERJ6BS (0805)
0.25
0.10
to 0.20 (E24)
±250
–55 to +125
ERJ6BQ (0805)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ8BW (1206)
0.5
±1, ±2, ±5
0.01 to 0.1
(E24)
0.010
< R < 0.020 : ±200
0.020
< R < 0.047 : ±150
0.047
< R < 0.100 : ±100
–55 to +155
ERJ8BS (1206)
0.33
±1, ±2, ±5
0.10
to 0.20 (E24)
±250
–55 to +125
ERJ8BQ (1206)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ14BS (1210)
0.5
±1, ±2, ±5
0.10
to 0.20 (E24)
±200
–55 to +125
ERJ14BQ (1210)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
Type (inches)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
[ 10
–6/°C (ppm/°C)]
Category Temperature Range
(Operating Temperature Range)
(°C)
ERJ3RS (0603)
0.1
±1, ±2, ±5
0.10 to 0.20 (E24)
±300
–55 to +125
ERJ3RQ (0603)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ6RS (0805)
0.125
±1, ±2, ±5
0.10 to 0.20 (E24)
±250
–55 to +125
ERJ6RQ (0805)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ8RS (1206)
0.25
±1, ±2, ±5
0.10 to 0.20 (E24)
±250
–55 to +125
ERJ8RQ (1206)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±200
ERJ14RS (1210)
0.25
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ14RQ (1210)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ12RS (1812)
0.5
±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ12RQ (1812)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
ERJ1TRS (2512)
1±1, ±2, ±5
0.10 to 0.20 (E24)
±200
–55 to +125
ERJ1TRQ (2512)
0.22 to 0.91 (E24)
1.0
to 9.1
(E24)
±100
Ratings
<Low resistance type>
<High power type>
<Standard type>
✽1 Please contact us when resistors with guaranteed high power are needed.
✽2 Standard R.V. : 20 m , 22 m , 33 m , 39 m , 47 m , 50 m , 100 m , Custom R.V. : Each 1 m within upper range.
Jun. 2008


Similar Part No. - ERJL14

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJL14 PANASONIC-ERJL14 Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL14 PANASONIC-ERJL14 Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL14 PANASONIC-ERJL14 Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL14 PANASONIC-ERJL14 Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL14 PANASONIC-ERJL14 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJL14

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com