Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X7D2-M1G Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E2E-X7D2-M1G
Description  Cylindrical Proximity Sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X7D2-M1G Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E2E-X7D2-M1G Datasheet HTML 5Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 6Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 7Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 8Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 9Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 10Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 11Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 12Page - Omron Electronics LLC E2E-X7D2-M1G Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
E2E/E2E2
E2E/E2E2
9
E2E-X
jEj/Fj DC 3-wire Models
Item
E2E-X1R5E
j/
F
j
E2E-X2ME
j
/ F
j
E2E-X2E
j/
F
j
E2E-X5ME
j
/F
j
E2E-X5E
j/
F
j
E2E-X10ME
j/
F
j
E2E-X10E
j/
F
j
E2E-X18ME
j/
F
j
Size
M8
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Sensing distance
1.5 mm
±10%
2 mm
±10%
2 mm
±10%
5 mm
±10%
5 mm
±10%
10 mm
±10%
10 mm
±10%
18 mm
±10%
Supply voltage
(operating voltage
range) (see note 1)
12 to 24 VDC, ripple (p-p): 10% max., (10 to 40 VDC)
Current consumption
13 mA max.
Sensing object
Ferrous metal (refer to
Engineering Data for non-ferrous metal)
Setting distance
0 to 1.2 mm
0 to 1.6 mm
0 to 1.6 mm
0 to 4.0 mm
0 to 4.0 mm
0 to 8.0 mm
0 to 8.0 mm
0 to 14.0 mm
Standard object
(mild steel)
8 x 8 x 1 mm
12 x 12 x
1 mm
12 x 12 x
1 mm
15 x 15 x
1 mm
18 x 18 x
1 mm
30 x 30 x
1 mm
30 x 30 x
1 mm
54 x 54 x
1 mm
Differential travel
10% max. of sensing distance
Response frequency
2.0 kHz
0.8 kHz
1.5 kHz
0.4 kHz
0.6 kHz
0.2 kHz
0.4 kHz
0.1 kHz
Operation (with
sensing object
approaching)
E1 models:
Load ON
E2 models:
Load OFF
Control output
(switching capacity)
200 mA max.
Circuit protection
Reverse connection protection, surge absorber, load short-circuit protection
Indicator
Operation indicator (red LED)
Ambient temperature
(see note 2)
Operating: –40
°C to 85°C (with no icing)
Ambient humidity
Operating: 35% to 95%
Temperature influence
±15% max. of sensing distance at 23°C in temperature range of –40°C to 85°C
±10% max. of sensing distance at 23°C in temperature range of –25°C to 70°C
Voltage influence
±1% max. of sensing distance in rated voltage range ±15%
Residual voltage
2.0 V max. (under load current of 200 mA with cable length of 2 m)
Insulation resistance
50 M
Ω min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC for 1 min between current carry parts and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hrs each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 10
times each in X, Y, and Z
directions
Destruction:
1,000 m/s2 for 10 times each in X, Y, and Z directions
500 m/s2 for E2E-X5M
Degree of protection
IEC60529 IP67
Weight
Pre-wired
Approx. 45 g
Approx. 120 g
Approx. 160 g
Approx. 270 g
Connector
---
Approx. 25 g
Approx. 45 g
Approx. 125 g
Approx. 124 g
Material
Case
Stainless steel
Brass
Sensing
surface
PBT
Note:
1. E2E models with an M18 or M30 connector operate at a non-smoothed, all-wave rectified, mean voltage range of 24 VDC
±20%.
2. When using an E2E with an M8 connector at an ambient temperature range between 70
°C and 85°C, supply 10 to 30 VDC to the
E2E and make sure that the E2E has a control output of 100 mA maximum.


Similar Part No. - E2E-X7D2-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X7D2-M1G OMRON-E2E-X7D2-M1G Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X7D2-M1G OMRON-E2E-X7D2-M1G Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X7D2-M1G OMRON-E2E-X7D2-M1G Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X7D2-M1G OMRON-E2E-X7D2-M1G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X7D2-M1GJ OMRON-E2E-X7D2-M1GJ Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
More results

Similar Description - E2E-X7D2-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com