Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA0JAM221X Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA0JAM221X
Description  ENGINEERING DRAFT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA0JAM221X Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA0JAM221X Datasheet HTML 1Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 2Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 3Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 4Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 5Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 6Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 7Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 8Page - Panasonic Semiconductor ECA0JAM221X Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Engineering Draft
CE-AAMX-CEM-1
A type AM series X type
2
1. Scope
Fixed capacitors for use in electronic equipment, Aluminum electrolytic capacitors with non-solid electrolyte.
2. Parts Number
E C
A
○○
AM
○○○
X
2-1
2-2
2-3
2-4
2-5
2-4
2-6
2-1
Aluminum Electrolytic Capacitor
2-2
Type : Radial lead type ( JIS : 04 type )
2-3
Rated Voltage Code
Voltage Code
0J
1A
1C
1E
1V
1H
1J
2A
Rated Voktage (V.DC)
6.3
10
16
25
35
50
63
100
2-4
AM series X type
2-5
Capacitance Code : Indicating capacitance in uF by 3 letters.
The first 2 figures are actual values and the third
denotes the number of zeros.
"R" denotes the decimal point and all figures are the
actual number with "R".
For example, 1uF is expressed as 010 in this case.
ex. 0. 1µF → 0R1 , 10µF → 100 , 1000µF → 102
2-6 Suffix Code for Appearance : Special Code for Appearance
Blank
Standard Long Lead
E
Snap-in lead
i
Lead taping (2.5mm pitch)
B
Lead taping (5.0mm pitch)
Item 9 for snap-in lead,
Item 10 for lead taping dimensions,
Item 11 and Item 12 for lead taping specifications.
Panasonic Electronic Devices Co.,Ltd.


Similar Part No. - ECA0JAM221X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JAK101X PANASONIC-ECA0JAK101X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
ECA0JAK221X PANASONIC-ECA0JAK221X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
ECA0JAK470X PANASONIC-ECA0JAK470X Datasheet
337Kb / 9P
   Aluminum Electrolytic Capacitor/ AK (For Audio)
More results

Similar Description - ECA0JAM221X

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
BCM4705 BOARDCOM-BCM4705 Datasheet
272Kb / 2P
   Intensi-fi Gigabit Ethernet Draft-802.11n Processor
logo
Tyco Electronics
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Molex Electronics Ltd.
190451000_SD MOLEX-190451000_SD Datasheet
502Kb / 5P
   ENGINEERING SPECIFICATION
2019 / 09 / 19
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
List of Unclassifed Man...
PEM119020 ETC1-PEM119020 Datasheet
487Kb / 8P
   Engineering Demonstrator
logo
United Chemi-Con, Inc.
ELLA6R3E CHEMI-CON-ELLA6R3E Datasheet
54Kb / 2P
   Engineering Bulletin
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
   Engineering Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com