Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-901 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D-901
Description  Measurement and Control Probe Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-901 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D-901 Datasheet HTML 1Page - List of Unclassifed Manufacturers D-901 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
160
Siemens Matsushita Components
30 V
Applications
q
Limit temperature sensor
Features
q
Sensor with epoxy resin coating
q
Tinned leads
q
Metal tag for easy mounting
q
Characteristics for nominal threshold temperatures
of 90 to 160
°C conform with DIN 44 081
q
Metal tag permits good thermal coupling and
thus short response times
1)
VPTC ≤ 2,5 V
2)
VPTC ≤ 7,5 V
Max. operating voltage
(
TA = 0 … 40 °C)
Vmax
Max. measuring voltage
(
TA – 25 K … TNAT + 15 K) VMeas,max
Rated resistance
(
VPTC ≤ 2,5 V)
RN
Response time
ta
Operating temperature range (
V = 0)
Top
(
V = Vmax)
Top
30
7,5
≤ 100
< 20
– 25/+ 125
0/40
V
V
s
°C
°C
Type/
Stamp
code
TNAT
±∆T
°C
R1)
(
TNAT – ∆T)
R1)
(
TNAT + ∆T)
R 2)
(
TNAT +15K)
R1)
(
TNAT +23K)
Ordering code
D 901 331
60
± 5 ≤ 570
≥ 570
≥ 10 k
B59901-D60-A40
D 901 341
70
± 5 ≤ 570
≥ 570
≥ 10 k
B59901-D70-A40
D 901 351
80
± 5 ≤ 570
≥ 570
≥ 10 k
B59901-D80-A40
D 901 361
90
± 5 ≤ 550
≥ 1330
≥ 4 k
B59901-D90-A40
D 901 371 100
± 5 ≤ 550
≥ 1330
≥ 4 k
B59901-D100-A40
D 901 381 110
± 5 ≤ 550
≥ 1330
≥ 4 k
B59901-D110-A40
D 901 391 120
± 5 ≤ 550
≥ 1330
≥ 4 k
B59901-D120-A40
D 901 401 130
± 5 ≤ 550
≥ 1330
≥ 4 k
B59901-D130-A40
D 901 411 140
± 5 ≤ 550
≥ 1330
≥ 4 k
B59901-D140-A40
Dimensions (mm)
Measurement and Control
Probe Assemblies
B59901
D 901
Jump to preceding page


Similar Part No. - D-901

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
D-950-08 MOLEX4-D-950-08 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #4
D-950-10 MOLEX4-D-950-10 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #5
D-950-14 MOLEX4-D-950-14 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
D-951-10 MOLEX4-D-951-10 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #5
D-951-14 MOLEX4-D-951-14 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
More results

Similar Description - D-901

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
   Probe assemblies
B57227K0333A001 TDK-B57227K0333A001 Datasheet
234Kb / 9P
   Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
   Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
   Probe assemblies
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
   Probe assemblies
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
   Probe assemblies
logo
EPCOS
B57020M2502A017 EPCOS-B57020M2502A017 Datasheet
60Kb / 3P
   Probe Assemblies
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
Turck, Inc.
TP-206A-CF-H1141-L200 TURCK-TP-206A-CF-H1141-L200 Datasheet
275Kb / 2P
   Temperature measurement Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com