Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500AL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1500AL
Description  High Performance E2 PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500AL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1500AL Datasheet HTML 7Page - ATMEL Corporation ATF1500AL Datasheet HTML 8Page - ATMEL Corporation ATF1500AL Datasheet HTML 9Page - ATMEL Corporation ATF1500AL Datasheet HTML 10Page - ATMEL Corporation ATF1500AL Datasheet HTML 11Page - ATMEL Corporation ATF1500AL Datasheet HTML 12Page - ATMEL Corporation ATF1500AL Datasheet HTML 13Page - ATMEL Corporation ATF1500AL Datasheet HTML 14Page - ATMEL Corporation ATF1500AL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ATF1500A/AL
11
Power Up Reset
The ATF1500A's registers are designed to reset during
power up. At a point delayed slightly from VCC crossing
VRST, all registers will be reset to the low state. As a result,
the registered output state will always be low on power-up.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the
uncertainty of how VCC actually rises in the system, the fol-
lowing conditions are required:
1. The VCC rise must be monotonic, from below .7 volts,
2. After reset occurs, all input and feedback setup times
must be met before driving the clock signal high, and
3. Signals from which clocks are derived must remain sta-
ble during tPR.
Power Down Mode
The ATF1500A includes an optional pin controlled power
down feature. When this mode is enabled, the PD pin acts
as the power down pin. When the PD pin is high, the device
supply current is reduced to less than 10
µA. During power
down, all output data and internal logic states are latched
and held. Therefore, all registered and combinatorial output
data remain valid. Any outputs which were in a HI-Z state at
the onset of power down will remain at HI-Z. During power
down, all input signals except the power down pin are
blocked. Input and I/O hold latches remain active to insure
that pins do not float to indeterminate levels, further reduc-
ing system power. The power down pin feature is enabled
in the logic design file. Designs using the power down pin
may not use the PD pin logic array input. However, all other
PD pin macrocell resources may still be used, including the
buried feedback and foldback product term array inputs.
Register Preload
The ATF1500A's registers are provided with circuitry to
allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be
forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file
with preload vectors is compiled. Once downloaded, the
JEDEC file preload sequence will be done automatically
when vectors are run by any approved programmers. The
preload mode is enabled by raising an input pin to a high
voltage level. Contact Atmel PLD Applications for PRE-
LOAD pin assignments, timing and voltage requirements.
Output Slew Rate Control
Each ATF1500A macrocell contains a configuration bit for
each I/O to control its output slew rate. This allows selected
data paths to operate at maximum throughput while reduc-
ing system noise from outputs that are not speed-critical.
Outputs default to slow edges, and may be individually set
to fast in the design file. Output transition times for outputs
configured as “slow” have a tSSO delay adder.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF1500A fuse patterns. Once programmed, fuse
verify and preload are prohibited. However, the 160-bit
User Signature remains accessible.
The security fuse should be programmed last, as its effect
is immediate.
Parameter
Description
Typ
Max
Units
tPR
Power-Up
Reset Time
210
µs
VRST
Power-Up
Reset
Voltage
3.8
4.5
V


Similar Part No. - ATF1500AL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500AL ATMEL-ATF1500AL Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
ATF1500AL-20AC ATMEL-ATF1500AL-20AC Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500AL-20AI ATMEL-ATF1500AL-20AI Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500AL-20AU ATMEL-ATF1500AL-20AU Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500AL-20JC ATMEL-ATF1500AL-20JC Datasheet
609Kb / 19P
   Highperformance EPLD
More results

Similar Description - ATF1500AL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com