Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RN73
Description  RR series, high-precision metal film chip resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RN73 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RN73 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RR0306
RR0510
RR0816
RR1220
RN73
RR1632
RR2632
1/20W
100
(R)
1.0%
(F)
10
30
E 24
15V
1/16W
0.5%
(D)
0.5%
(D)
0.5%
(D)
0.5%
(D)
0.5%
(D)
E 24/E 96
25V
1/16W
E 24/E 96
75V
1/10W
E 24/E 96
100V
1/8W
50
(Q)
25
(P)
25
(P)
E 24/E 96
150V
1/4W
50
(Q)
E 24/E 96
200V
5,000
pcs/reel
10,000
pcs/reel
5,000
pcs/reel
5,000
pcs/reel
1,000(T1)
5,000(T5)/reel
1,000(T1)
5,000(T5)/reel
1,000(T1)
5,000(T5)pcs/reel
25
(P)
0.5%
(D)
33
22k
100
(R)
10
97.6
25
(P)
100
100k
50
(Q)
10
97.6
25
(P)
100
360k
50
(Q)
10
97.6
10
49.9
25
(P)
100
1M
0.1%
(B)
1/10W
E 24/E 96
100V
5
(V)
511
100k
10
(N)
100
100k
51
1M
0.1%
(B)
5
(V)
25
(P)
E 24/E 96
150V
1,000(T1)
5,000(T5)pcs/reel
100
200k
10
(N)
100
200k
51
1M
0.1%
(B)
5
(V)
25
(P)
E 24/E 96
200V
1,000(T1)
5,000(T5)pcs/reel
100
330k
10
(N)
100
330k
51
2M
10
49.9
51
2M
RR series, high-precision metal
film chip resistors
Thin Film Technology has achieved high performance chip resistors with low price and
reliable supply. The parts offer excellent performance and tolerance in TCR, current noise,
linearity, for high frequency circuit applications. Precise dimensions minimize errors during
mounting. Tight tolerance allow for cost saving due to circuit simplification and elimination of
trim pots for adjustment.
Dimension
(Inch Size)
RR0306
(0201)
RR0510
(0402)
RR0816
(0603)
RR1220 RN73
(0805)
L
W
A
B
T
0.60 0.05
0.30 0.05
0.12 0.05
0.12 0.05
0.23 0.03
1.00 0.05
0.50 0.05
0.20 0.10
0.25 0.05
0.35 0.05
1.60 0.20
0.80 0.20
0.30 0.20
0.30 0.20
0.40 0.10
RR1632
(1206)
RR2632
(1210)
3.20 0.20
1.60 0.20
0.50 0.20
0.45 0.20
0.40 0.10
3.20 0.20
2.60 0.20
0.50 0.20
0.45 0.20
0.40 0.10
2.00 0.20
1.25 0.20
0.40 0.20
0.40 0.20
0.40 0.10
Type
Power
Tolerance %(code)
Resistance Range
( )
Resistance Value
Max Operating Voltage
Package
SPECIFICATIONS
Mechanical
Electrical
PART NUMBER
susumu group catalog
• Contact us also for RL0816 JMP jumper resistor whose dimensions are the same as those of RR0816.
Completely lead free
RoHS compliant
TCR ppm / C(code)
(unit : mm)
Temperature Coefficient of Resistance
RR 0816 P - 102 - D - (M) - (T5) - (***)
RN73 N 2X 1001
B
(-T1)
Part Code
Dimensions
Power Rating
Resistance value
RR0306,RR0510,RR0816,RR1220:3 digits for E-24 series
RR0306,RR0510,RR0816,RR1220:4 digits for E-96 series
RR1632,RR2632:4 digits for all values
Resistance Tolerance
“M” to be added as for E-96 series value of RR1220
Taping quantity unit
RR1632,RR2632:“T1” to be added for 1000pcs/reel
“T5” to be added for 5000pcs/reel
RR0306,RR0510,RR0816,RR1220: No marking
To be added as for E-96 series
value of RR0816 as 3 letters code
Operating Temp. Range
55 C
125 C
L
W
T
A
B


Similar Part No. - RN73

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
KOA Speer Electronics, ...
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
logo
TE Connectivity Ltd
RN73 TEC-RN73 Datasheet
302Kb / 8P
   electroplated 100% matte
logo
KOA Speer Electronics, ...
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN731E KOA-RN731E Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
More results

Similar Description - RN73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR1220P-101-D ETC2-RR1220P-101-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-2490-D-M ETC-RR1220P-2490-D-M Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0510P-392-D ETC2-RR0510P-392-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0306P-101-D ETC2-RR0306P-101-D Datasheet
51Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-4991-D-M ETC-RR1220P-4991-D-M Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0510P-511-D ETC2-RR0510P-511-D Datasheet
51Kb / 1P
   RR series, high-precision metal film chip resistors
RR0816P-102-B ETC2-RR0816P-102-B Datasheet
49Kb / 1P
   RR series, ultra-precision metal film chip resistors
RR0306 ETC-RR0306 Datasheet
54Kb / 1P
   high-precision metal film chip resistors
RR0816 ETC-RR0816 Datasheet
54Kb / 1P
   high-precision metal film chip resistors
RR0510P-101-D ETC2-RR0510P-101-D Datasheet
390Kb / 1P
   Metal thin film chip resistors (precision)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com