Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2018 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2018 Datasheet HTML 5Page - Analog Devices SSM2018 Datasheet HTML 6Page - Analog Devices SSM2018 Datasheet HTML 7Page - Analog Devices SSM2018 Datasheet HTML 8Page - Analog Devices SSM2018 Datasheet HTML 9Page - Analog Devices SSM2018 Datasheet HTML 10Page - Analog Devices SSM2018 Datasheet HTML 11Page - Analog Devices SSM2018 Datasheet HTML 12Page - Analog Devices SSM2018 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 9 of 16
Figure 22. Gain Constant vs. Temperature
Figure 23. Gain Constant Linearity vs. Gain
Figure 24. Gain Flatness vs. Frequency
Figure 25. CMRR vs. Frequency
Figure 26. Slew Rate vs. Supply Voltage
Figure 27. PSRR vs. Frequency
–20
–25
–30
–35
–40
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
–28
–29
–30
–31
–32
–33
–80
–60
–40
–20
0
20
40
60
GAIN (dB)
TA = +25°C
VS = ±15V
0.1
0
–0.1
–0.2
–0.3
–0.4
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
AV = 0dB
VIN = 100V rms
0
–20
–40
–60
–80
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
15.0
12.5
10.0
7.5
5.0
2.5
0
0
5
10
15
SUPPLY VOLTAGE (±V)
TA = +25°C
+SLEW RATE
–SLEW RATE
0
–20
–40
–60
–80
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
+PSRR
–PSRR


Similar Part No. - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018 AD-SSM2018 Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018 AD-SSM2018 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018PZ AD-SSM2018PZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
More results

Similar Description - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
   DUAL VOLTAGE CONTROLLED AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com