Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2018 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2018 Datasheet HTML 2Page - Analog Devices SSM2018 Datasheet HTML 3Page - Analog Devices SSM2018 Datasheet HTML 4Page - Analog Devices SSM2018 Datasheet HTML 5Page - Analog Devices SSM2018 Datasheet HTML 6Page - Analog Devices SSM2018 Datasheet HTML 7Page - Analog Devices SSM2018 Datasheet HTML 8Page - Analog Devices SSM2018 Datasheet HTML 9Page - Analog Devices SSM2018 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SSM2018
Data Sheet
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. THD + N Frequency (80 kHz Low-Pass Filter, for
AV = 0 dB, VIN = 3 V rms; for AV = +20 dB, VIN = 0.3 V rms; for AV = −20 dB,
VIN = 3 V rms)
Figure 5. Distortion Distribution
Figure 6. THD + N vs. Amplitude (Gain = 0 dB, fIN = 1 kHz, 80 kHz Low-Pass
Filter)
Figure 7. THD + N vs. Amplitude (Gain = +20 dB, fIN =1 kHz,
80 kHz Low-Pass Filter)
Figure 8. THD + N vs. Gain (fIN = 1 kHz; for –60 dB ≤ AV ≤ –20 dB, VIN = 10 V
rms; for 0 dB ≤ AV ≤ +20 dB, VIN = 1 V rms)
Figure 9. THD + N vs. Supply Voltage (AV = 0 dB, VIN = 1 V rms, fIN = 1 kHz, 80
kHz Low-Pass Filter)
0.1
0.01
0.001
20
100
1k
10k
20k
FREQUENCY (Hz)
AV = +20dB
AV = –20dB
AV = 0dB
TA = +25°C
VS = ±15V
RF = 18kΩ
100
90
80
70
60
50
40
30
20
10
0
0
0.005
0.010
0.015
0.020
0.025
DISTORTION (%)
TA = +25°C
AV = 0dB
300 UNITS
VIN = 10dBu
VS = ±15V
0.1
1
0.01
0.001
0.1
1
10
TA = +25°C
VS = ±15V
RF = 18kΩ
20
AMPLITUDE (VRMS)
0.1
1
0.01
0.001
10m
0.1
1
TA = +25°C
VS = ±15V
RF = 18kΩ
2
AMPLITUDE (VRMS)
0.1
1
0.01
0.001
–60
–40
–20
0
20
40
TA = +25°C
VS = ±15V
RF = 18kΩ
GAIN (dB)
0.1
0.01
0.001
5
6
9
12
15
18
SUPPLY VOLTAGE (±V)
TA = +25°C
RF = 18kΩ


Similar Part No. - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018 AD-SSM2018 Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018 AD-SSM2018 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018PZ AD-SSM2018PZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
More results

Similar Description - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
   DUAL VOLTAGE CONTROLLED AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com