Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S4414-4PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90S4414-4PI
Description  8-Bit Microcontroller with 4K bytes In-System Programmable Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4414-4PI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90S4414-4PI Datasheet HTML 1Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 2Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 3Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 4Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 5Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 6Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 7Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 8Page - ATMEL Corporation AT90S4414-4PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
AVR® - High Performance and Low Power RISC Architecture
118 Powerful Instructions - Most Single Clock Cycle Execution
4K bytes of In-System Reprogrammable Flash
– SPI Serial Interface for Program Downloading
– Endurance: 1,000 Write/Erase Cycles
256 bytes EEPROM
– Endurance: 100,000 Write/Erase Cycles
256 bytes Internal SRAM
32 x 8 General Purpose Working Registers
32 Programmable I/O Lines
Programmable Serial UART
SPI Serial Interface
V
CC: 2.7 - 6.0V
Fully Static Operation
– 0 - 8 MHz, 4.0 - 6.0V
– 0 - 4 MHz, 2.7 - 4.0V
Up to 8 MIPS Throughput at 8 MHz
One 8-Bit Timer/Counter with Separate Prescaler
One 16-Bit Timer/Counter with Separate Prescaler
and Compare and Capture Modes
Dual PWM
External and Internal Interrupt Sources
Programmable Watchdog Timer with On-Chip Oscillator
On-Chip Analog Comparator
Low Power Idle and Power Down Modes
Programming Lock for Software Security
Description
The AT90S4414 is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock
cycle, the AT90S4414 achieves throughputs approaching 1 MIPS per MHz allowing
the system designer to optimize power consumption versus processing speed.
The AVR core is based on an enhanced RISC architecture that combines a rich
instruction set with 32 general purpose working registers. All the 32 registers are
directly connected to the Arithmetic Logic Unit (ALU), allowing two independent regis-
ters to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
Rev. 0840DS–07/98
8-Bit
Microcontroller
with 4K bytes
In-System
Programmable
Flash
AT90S4414
Preliminary
Pin Configurations
(continued)
Note: This is a summary document. For the complete 76 page
datasheet, please visit our web site at
www.atmel.com or e-
mail at
literature@atmel.com and request literature #0840D.


Similar Part No. - AT90S4414-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4414 ATMEL-AT90S4414 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
More results

Similar Description - AT90S4414-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
   8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com