Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR2KB100 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # UR2KB100
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR2KB100 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UR2KB100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Min
Max
Min
Max
A
13.50
14.10
0.531
0.555
B
0.70
1.40
0.028
0.055
C
11.70
12.30
0.461
0.484
D
10.50
11.10
0.413
0.437
E
11.70
12.30
0.461
0.484
F
1.10
1.40
0.043
0.055
G
3.51
4.11
0.138
0.162
H
6.70
7.30
0.264
0.287
I
1.10
1.50
0.043
0.059
J
1.05
1.25
0.041
0.049
K
0.66
0.86
0.026
0.034
L
2.90
3.30
0.114
0.130
M
2.40
2.80
0.094
0.110
N
3.10
3.40
0.122
0.134
O
1.00
1.40
0.039
0.055
P
0.40
0.80
0.016
0.031
Q
1.80
2.40
0.071
0.094
R
0.40
0.60
0.016
0.024
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number:DS_D1312017
Version:J13
MARKING DIAGRAM
UR2KB60 thru UR2KB100
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
0
1
2
3
4
5
01234
FORWARD RECTIFIED CURRENT Io (A)
FIG. 5 FORWARD POWER DISSIPATION


Similar Part No. - UR2KB100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR2KB100 TSC-UR2KB100 Datasheet
1,003Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
UR2KB100 TSC-UR2KB100 Datasheet
578Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
UR2KB100 TSC-UR2KB100 Datasheet
212Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
UR2KB100 TSC-UR2KB100 Datasheet
202Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
UR2KB100 ZSELEC-UR2KB100 Datasheet
116Kb / 2P
   2.0A BRIDGE RECTIFIER
More results

Similar Description - UR2KB100

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com