Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4004 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UF4004
Description  1.0AMP. Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF4004 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UF4004 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF4004 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF4004 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF4004 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass passivated chip junction
Low cost
Ultrafast recovery time for high efficiency
High efficiency, low VF
Low leakage current
High surge current capability
UF4001
DO-41
3K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
UF
4001
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Version:I13
A0G
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
INNER
TAPE
52mm
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Maximum Reverse Recovery Time (Note 2)
50
75
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Typical Junction Capacitance (Note 3)
17
Typical Thermal Resistance
RθjA
RθjL
60
15
OC/W
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.0
1.7
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
5
uA
150
Maximum Average Forward Rectified Current
1
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
30
A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Part No.
Packing code
Packing code
(Green)
A0
Case: JEDEC DO-204AL molded plastic body over
passivated chip
Terminals: Pure tin plate, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode
Mounting Position: Any
High temperature soldering guaranteed: 260℃/10s
Package
Packing
Weight: 0.34 grams
Ordering Information (example)
Mechanical Data
UF4001 - UF4007
1.0AMP. Glass Passivated High Efficient Rectifiers
DO-41/DO-204AL
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode


Similar Part No. - UF4004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4004 WTE-UF4004 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4004 DGNJDZ-UF4004 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
UF4004 PFS-UF4004 Datasheet
177Kb / 2P
   ULTRA FAST RECTIFIER
logo
Leshan Radio Company
UF4004 LRC-UF4004 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4004 ETC1-UF4004 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4004

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HDBL101G TSC-HDBL101G Datasheet
142Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shenzhen Luguang Electr...
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
   1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Taiwan Semiconductor Co...
HDBLS101G TSC-HDBLS101G Datasheet
139Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shanghai Lunsure Electr...
EGP10A CHENYI-EGP10A Datasheet
67Kb / 3P
   1.0Amp glass passivated high efficient rectifiers 50to800 volts
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com