Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5433BCPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG5433BCPZ-REEL7
Description  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5433BCPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG5433BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG5433BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADG5433/ADG5434
Rev. C | Page 5 of 24
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Insertion Loss
−0.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 31
CS (Off)
15
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
23
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
52
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +22 V, VSS = −22 V
IDD
50
µA typ
Digital inputs = 0 V or VDD
70
110
µA max
ISS
0.001
µA typ
Digital inputs = 0 V or VDD
1
µA max
VDD/VSS
±9/±22
V min/V max
GND = 0 V
1
Guaranteed by design; not subject to production test.
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 3.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
26
Ω typ
VS = 0 V to 10 V, IS = −10 mA; see
Figure 27
30
36
42
Ω max
VDD = 10.8 V, VSS = 0 V
On-Resistance Match Between Channels,
∆RON
0.3
Ω typ
VS = 0 V to 10 V, IS = −10 mA
1
1.5
1.6
Ω max
On-Resistance Flatness, RFLAT (ON)
5.5
Ω typ
VS = 0 V to 10 V, IS = −10 mA
6.5
8
12
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V
±0.25
±1
±7
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V
±0.4
±4
±30
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V/10 V; see Figure 26
±0.4
±4
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
6
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
220
ns typ
RL = 300 Ω, CL = 35 pF
290
357
400
ns max
VS = 8 V
tON (EN)
228
ns typ
RL = 300 Ω, CL = 35 pF
289
370
426
ns max
VS = 8 V; see Figure 34
tOFF (EN)
90
ns typ
RL = 300 Ω, CL = 35 pF
115
131
151
ns max
VS = 8 V; see Figure 34
Break-Before-Make Time Delay, tD
106
ns typ
RL = 300 Ω, CL = 35 pF
54
ns min
VS1 = VS2 = 8 V; see Figure 33
Charge Injection, QINJ
60
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see
Figure 35
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 29


Similar Part No. - ADG5433BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5433BCPZ-REEL7 AD-ADG5433BCPZ-REEL7 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
More results

Similar Description - ADG5433BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
   High Voltage Latch-Up Proof, Single SPDT Switch
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com