Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # UF4001
Description  1.0AMP. Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF4001 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UF4001_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF4001_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF4001_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF4001_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
DO-41
52mm
DO-41
26mm
DO-41
52mm
DO-41
52mm
DO-41
AB
Z
T
E
L1-L2∣
DD1
D0
W
±0.5
±1.5
MAX
±0.4
MAX
MAX
±0.3
±0.4
±1.0
DO-41
5
52.4
1.2
6
0.8
1
330
85.7
16.6
76
Unit (mm)
Symbol
A
B
C
D
Version:I13
B0
B0G
A1
A1G
R0
R0G
R1
R1G
Outline
INNER
TAPE
1.2
Suggested Mounting Hole Rule
Unit(mm)
5.1
0.8
3.0
Note: "x" is Device Code from "1" thru "7".
AXIAL LEAD TAPING SPECIFICATIONS
Part No.
Package
Packing
UF400x
5K / 13" Reel
Packing code
Packing code
(Green)
3K / AMMO box
5K / 13" Reel
1K / Bulk packing
3K / AMMO box
A0
A0G


Similar Part No. - UF4001_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
UF4001 VISHAY-UF4001_11 Datasheet
80Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 18-Feb-11
logo
Leshan Radio Company
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results

Similar Description - UF4001_13

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HDBL101G TSC-HDBL101G Datasheet
142Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shenzhen Luguang Electr...
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
   1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Taiwan Semiconductor Co...
HDBLS101G TSC-HDBLS101G Datasheet
139Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shanghai Lunsure Electr...
EGP10A CHENYI-EGP10A Datasheet
67Kb / 3P
   1.0Amp glass passivated high efficient rectifiers 50to800 volts
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com