Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHF3725CNP500LXE Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CHF3725CNP500LXE
Description  RF Power Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF3725CNP500LXE Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CHF3725CNP500LXE Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
Material Number
CHF3725CNP500LXE
Product Line
RF Power Resistors
Compliance Date
June 01 2005
RoHS Compliant
Yes
MSL
Level 1
No.
Construction
Element(subpart)
Homogeneous
Material
Material
weight [g]
Homogeneous
Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart mass
of total wt. (%)
1
Substrate
Ceramic
0.019992
Aluminum
nitride
24304-00-5
100
95.4
95.4
Silver/Platinum
7440-22-4 /
7440-06-4
52
1.74
Nickel
7440-02-0
27
0.90
2
Terminal Electrode
Conductor
0.00504
Gold
7440-57-5
21
0.70
3.34
Ruthenium
dioxide
12036-10-1
58
0.52
3
Resistor
Resistive Film
0.00441
Zinc Oxide
1314-13-2
42
0.38
0.9
4
Overcoat
Epoxy
0.00063
Epoxy resin
25068-38-6
100
0.36
0.36
Total weight
0.021
This Document was updated on:
Important remarks:
1. It is the responsibility of the user to verify they are accessing the latest version.


Similar Part No. - CHF3725CNP500LXE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF3725CNP500LXE BOURNS-CHF3725CNP500LXE Datasheet
192Kb / 2P
   40 W SMT Power RF Chip Termination
CHF3725CNP500LXE BOURNS-CHF3725CNP500LXE Datasheet
206Kb / 2P
   40 W SMT Power RF Chip Termination
More results

Similar Description - CHF3725CNP500LXE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFH52 ETC-TFH52 Datasheet
982Kb / 2P
   RF POWER RESISTORS
logo
Bourns Electronic Solut...
CHF9838CNF500L BOURNS-CHF9838CNF500L Datasheet
91Kb / 1P
   RF Power Resistors
CHF2010CNP500LXE BOURNS-CHF2010CNP500LXE Datasheet
75Kb / 1P
   RF Power Resistors
CHF2525CNT500LW BOURNS-CHF2525CNT500LW Datasheet
76Kb / 1P
   RF Power Resistors
CHF8838CNF500L BOURNS-CHF8838CNF500L Datasheet
202Kb / 2P
   RF Power Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
List of Unclassifed Man...
TFR010 ETC-TFR010 Datasheet
509Kb / 1P
   RF FLANGED POWER RESISTORS
logo
YAGEO Corporation
ATV321BR-071DBL YAGEO-ATV321BR-071DBL Datasheet
217Kb / 7P
   CHIP RESISTORS RF ATTENUATORS
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
   Power Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com