Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7902 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF7902
Description  ISM Band FSK Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7902 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF7902 Datasheet HTML 4Page - Analog Devices ADF7902 Datasheet HTML 5Page - Analog Devices ADF7902 Datasheet HTML 6Page - Analog Devices ADF7902 Datasheet HTML 7Page - Analog Devices ADF7902 Datasheet HTML 8Page - Analog Devices ADF7902 Datasheet HTML 9Page - Analog Devices ADF7902 Datasheet HTML 10Page - Analog Devices ADF7902 Datasheet HTML 11Page - Analog Devices ADF7902 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADF7902
Rev. 0 | Page 10 of 12
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 8. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADF7902BRUZ1
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
ADF7902BRUZ-RL1
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 13’’ REEL
RU-24
ADF7902BRUZ-RL71
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 7’’ REEL
RU-24
1 Z = Pb-free part.


Similar Part No. - ADF7902

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Similar Description - ADF7902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com