Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0140BA02359T Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA02359T
Description  140 MHz SAW Filter 4.7 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA02359T Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA02359T Datasheet HTML 1Page - API Technologies Corp SF0140BA02359T Datasheet HTML 2Page - API Technologies Corp SF0140BA02359T Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
4.7 MHz Bandwidth
Part Number: SF0140BA02359T
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA02359T Rev B
6-Apr-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (FC, 3 dB points)
139.90
140.00
140.10
MHz
Insertion Loss (at Fc)
-
22.5
25
dB
1 dB Bandwidth
2
4.70
4.96
-
MHz
3 dB Bandwidth
2
5.00
5.28
-
MHz
40 dB Bandwidth
2
-
6.67
7.00
MHz
Absolute delay
-
2.30
2.60
us
Group Delay Deviation (in 1 dB BW)
3
-
110
180
ns p-p
Phase Linearity (in 1 dB BW)
-
5
7
deg p-p
Passband Ripple (in 1 dB BW)
-
0.7
1
ns/div
Ultimate Rejection
50
53
-
dB
Source/Load Impedance
50
ohms
Ambient Temperature (Tref)
-
25
-
˚C
Notes:
1. All specifications apply at 23˚C.
2. Parameter is measured relative to the insertion loss at 140 MHz.
3. This parameter is to be measured after application of a smoothing aperture of 250 KHz.
4. Typical change of filter response with temperature is: ∆f = (T-Tref)*Tc*Fc in ppm.
MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
Storage Temperature Range
-40
25
85
˚C
Temperature Coefficient of Frequency (Tc)
4
-
-23
-
ppm/˚C
Input Power Level
-
0
13
dBm
MATCHING CIRCUIT
Typical component values:
Notes:
1. Recommend use of 2% tolerance matching components. Inductor Q=45.
2. Component values are for reference only and may change depending on board layout.
Ls1
=
37
nH
Ls2
=
56
nH
Cp1 =
27
pF
1
8
2,7,9,14
Input
50
Single-ended
Output
50
Single-ended
GND
GND


Similar Part No. - SF0140BA02359T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140BA02359T ICST-SF0140BA02359T Datasheet
97Kb / 2P
   140 MHz SAW Bandpass Filter 4.7 MHz bandwidth
More results

Similar Description - SF0140BA02359T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140BA02359T ICST-SF0140BA02359T Datasheet
97Kb / 2P
   140 MHz SAW Bandpass Filter 4.7 MHz bandwidth
logo
API Technologies Corp
SF0140BA03114S APITECH-SF0140BA03114S Datasheet
154Kb / 3P
   140 MHz SAW Filter 16 MHz Bandwidth
SF0140BA03110S APITECH-SF0140BA03110S Datasheet
157Kb / 3P
   140 MHz SAW Filter 14 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03074S ICST-SF0140BA03074S Datasheet
101Kb / 2P
   140 MHz SAW Filter 32 MHz bandwidth
SF0140BA03114S ICST-SF0140BA03114S Datasheet
108Kb / 3P
   140 MHz SAW Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03175S APITECH-SF0140BA03175S Datasheet
161Kb / 3P
   140 MHz SAW Filter 9.3 MHz Bandwidth
SF0140BA03173S APITECH-SF0140BA03173S Datasheet
149Kb / 3P
   140 MHz SAW Filter 9.3 MHz Bandwidth
SF0140BA03069S APITECH-SF0140BA03069S Datasheet
127Kb / 2P
   140 MHz SAW Filter 7 MHz Bandwidth
SF0140BA02167S APITECH-SF0140BA02167S Datasheet
165Kb / 3P
   140 MHz SAW Filter 18.3 MHz Bandwidth
SF0140BA01969T APITECH-SF0140BA01969T Datasheet
165Kb / 3P
   140 MHz SAW Filter 43.5 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com