Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C55-33AC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89C55-33AC
Description  8-Bit Microcontroller with 20K Bytes Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55-33AC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89C55-33AC Datasheet HTML 1Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 2Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 3Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 4Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 5Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 6Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 7Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 8Page - ATMEL Corporation AT89C55-33AC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AT89C55
4-171
The AT89C55 provides the following standard features:
20K bytes of Flash, 256-bytes of RAM, 32 I/O lines, three
16-bit timer/counters, a six-vector two-level interrupt archi-
tecture, a full duplex serial port, on-chip oscillator, and
clock circuitry. In addition, the AT89C55 is designed with
static logic for operation down to zero frequency and sup-
ports two software selectable power saving modes. The
I dle Mod e stops th e CPU wh ile allow ing the RAM ,
timer/counters, serial port, and interrupt system to continue
functioning. The Power Down Mode saves the RAM con-
tents but freezes the oscillator, disabling all other chip func-
tions until the next hardware reset. The low-voltage option
saves power and operates with a 2.7-volt power supply.
Pin Description
VCC
Supply voltage.
GND
Ground.
Port 0
Port 0 is an 8-bit open drain bidirectional I/O port. As an
output port, each pin can sink eight TTL inputs. When 1s
are written to port 0 pins, the pins can be used as high-
impedance inputs.
Port 0 can also be configured to be the multiplexed low-
order address/data bus during accesses to external pro-
gram and data memory. In this mode, P0 has internal pul-
lups.
Port 0 also receives the code bytes during Flash program-
ming and outputs the code bytes during program verifica-
tion. External pullups are required during program verifica-
tion.
Port 1
Port 1 is an 8-bit bidirectional I/O port with internal pullups.
The Port 1 output buffers can sink/source four TTL inputs.
When 1s are written to Port 1 pins, they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 1 pins that are externally being pulled low will source
current (IIL) because of the internal pullups.
In addition, P1.0 and P1.1 can be configured to be the
timer/counter 2 external count input (P1.0/T2) and the
timer/counter 2 trigger input (P1.1/T2EX), respectively, as
shown in the following table.
Port 1 also receives the low-order address bytes during
Flash programming and verification.
Port 2
Port 2 is an 8-bit bidirectional I/O port with internal pullups.
The Port 2 output buffers can sink/source four TTL inputs.
When 1s are written to Port 2 pins, they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 2 pins that are externally being pulled low will source
current (IIL) because of the internal pullups.
Port 2 emits the high-order address byte during fetches
from external program memory and during accesses to
external data memory that use 16-bit addresses (MOVX @
DPTR). In this application, Port 2 uses strong internal pul-
lups when emitting 1s. During accesses to external data
memory that use 8-bit addresses (MOVX @ RI), Port 2
emits the contents of the P2 Special Function Register.
Port 2 also receives the high-order address bits and some
control signals during Flash programming and verification.
Port 3
Port 3 is an 8-bit bidirectional I/O port with internal pullups.
The Port 3 output buffers can sink/source four TTL inputs.
When 1s are written to Port 3 pins, they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 3 pins that are externally being pulled low will source
current (IIL) because of the pullups.
Port 3 also serves the functions of various special features
of the AT89C55, as shown in the following table.
Port 3 also receives the highest-order address bit and
some control signals for Flash programming and verifica-
tion.
RST
Reset input. A high on this pin for two machine cycles while
the oscillator is running resets the device.
Port Pin
Alternate Functions
P1.0
T2 (external count input to Timer/Counter 2),
clock-out
P1.1
T2EX (Timer/Counter 2 capture/reload
trigger and direction control)
Port Pin
Alternate Functions
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)
P3.6
WR (external data memory write strobe)
P3.7
RD (external data memory read strobe)


Similar Part No. - AT89C55-33AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT89C55 ETC2-AT89C55 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
416Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
More results

Similar Description - AT89C55-33AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_05 Datasheet
416Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55 Datasheet
595Kb / 23P
   8-Bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
   8-bit Microcontroller with 20K Bytes QuickFlash짰
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com