Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIL10S180M Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIL10S180M
Description  Chip Inductor CIL Series General Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIL10S180M Datasheet(HTML) 1 Page - Samsung semiconductor

  CIL10S180M Datasheet HTML 1Page - Samsung semiconductor CIL10S180M Datasheet HTML 2Page - Samsung semiconductor CIL10S180M Datasheet HTML 3Page - Samsung semiconductor CIL10S180M Datasheet HTML 4Page - Samsung semiconductor CIL10S180M Datasheet HTML 5Page - Samsung semiconductor CIL10S180M Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.0
±0.05
1.6
±0.15
2.0
±0.2
3.2
±0.2
0.5
±0.05
0.8
±0.15
1.25
±0.2
1.6
±0.2
0.5
±0.05
0.8
±0.15
0.85
±0.2
1.25
±0.2
0.6
±0.2
1.1
±0.2
0.25
±0.1
0.3
±0.2
0.5
+0.2,-0.3
0.5
+0.2,-0.3
05
10
21
31
(1) Chip Inductor
(2) L:General Type
(3) Dimension
(4) Material code(N, J, Y, S)
(5) Inductance(R10:0.1μH, 5R6:5.6μH, 100:10μH)
(6) Tolerance(K:
±10%, M:±20%)
(7) Thickness option(N:Standard, A:Thinner than standard, B:Thicker than standard)
(8) Packaging(C:paper tape, E:embossed tape)
Ferrite Body
External Electrode
CI
L
10
Y
5R6
K
N
C
d
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Unit : mm
L
W
t
Td
SIZE CODE
W
L
As it has ferrite body and 100 % Ag internal conductor, the CIL series Inductors have excellent Q characteristics and
free of cross talk.
Part Numbering
•Magnetic shielding eliminates crosstalk, thus permitting higher
mounting density.
•Excellent solderability and high heat resistance for either flow or
reflow soldering.
•Monolithic structure for high reliability.
Feature
•Resonance circuits, PLL circuits, Noise suppression, etc.
Application
Dimensions
Chip Inductor; CIL Series
General Type
Operating Temp
Storage Temp
-55~+125
-10~+40


Similar Part No. - CIL10S180M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10S180M SAMSUNG-CIL10S180M Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
More results

Similar Description - CIL10S180M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10J1R5KNC SAMSUNG-CIL10J1R5KNC Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL21J1R0KNE SAMSUNG-CIL21J1R0KNE Datasheet
793Kb / 6P
   Chip Inductor; CIL Series
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com