Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT59C13W-10SC-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT59C13W-10SC-2.7
Description  4-Wire Serial EEPROMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT59C13W-10SC-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT59C13W-10SC-2.7 Datasheet HTML 1Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 2Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 3Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 4Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 5Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 6Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 7Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 8Page - ATMEL Corporation AT59C13W-10SC-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AT59C11/22/13
3
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (DO)
5
pF
V
OUT = 0V
C
IN
Input Capacitance (CS, CLK, DI, RDY/BUSY)5
pF
V
IN = 0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40°C to +85°C, VCC = +2.5V to +5.5V,
T
AC = 0°C to +70°C, VCC = +2.5V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
V
CC3
Supply Voltage
2.7
5.5
V
V
CC4
Supply Voltage
4.5
5.5
V
I
CC
Supply Current
V
CC = 5.0V
READ at 1.0 MHz
0.5
2.0
mA
WRITE at 1.0 MHz
0.5
2.0
mA
I
SB1
Standby Current
V
CC = 2.5V
CS = 0V
6.0
10.0
µA
I
SB2
Standby Current
V
CC = 2.7V
CS = 0V
6.0
10.0
µA
I
SB3
Standby Current
V
CC = 5.0V
CS = 0V
21.0
30.0
µA
I
IL
Input Leakage
V
IN = 0V to VCC
0.1
1.0
µA
I
OL
Output Leakage
V
IN = 0V to VCC
0.1
1.0
µA
V
IL1
(1)
V
IH1
(1)
Input Low Voltage
Input High Voltage
4.5V
≤ V
CC ≤ 5.5V
-0.6
2.0
0.8
V
CC + 1
V
V
IL2
(1)
V
IH2
(1)
Input Low Voltage
Input High Voltage
2.5V
≤ V
CC ≤ 2.7V
-0.6
V
CC x 0.7
V
CC x 0.3
V
CC + 1
V
V
OL1
V
OH1
Output Low Voltage
Output High Voltage
4.5V
≤ V
CC ≤ 5.5V
I
OL = 2.1 mA
I
OH = 0.4 mA
2.4
0.4
V
V
OL2
V
OH2
Output Low Voltage
Output High Voltage
2.5V
≤ V
CC ≤ 2.7V
I
OL = 0.15 mA
I
OH = -0.1 mA
V
CC - 0.2
0.2
V


Similar Part No. - AT59C13W-10SC-2.7

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AT5 KNOWLES-AT5 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Yuechung International ...
AT5.8G YIC-AT5.8G Datasheet
674Kb / 5P
   5.8GHz External Antenna
AT5.8G-13295-7.0WT YIC-AT5.8G-13295-7.0WT Datasheet
674Kb / 5P
   5.8GHz External Antenna
logo
Analog Technologies, In...
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
   High Voltage Isolation Amplifier
7/5/2021
logo
List of Unclassifed Man...
AT501 ETC2-AT501 Datasheet
3Mb / 33P
   Accessories Hardware
More results

Similar Description - AT59C13W-10SC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com